Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIT-W102 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIT-W102
Description  10" Medical-Grade Tablet with Intel® Pentium® Processor and PCAP Touchscreen
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIT-W102 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIT-W102 Datasheet HTML 1Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 2Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 3Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 4Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 5Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 6Page - Advantech Co., Ltd. MIT-W102 Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Medical-Grade Tablet
Features
MIT-W102
10" Medical-Grade Tablet with
Intel® Pentium® Processor and PCAP
Touchscreen
ƒ
Equipped with DeviceOn/iService software for remote device management
ƒ
Intel® Pentium® N4200 quad-core processor
ƒ
Supports Windows 10 IOT and Linux operating systems
ƒ
10.1" WUXGA display with multi-point projective capacitive touch control
ƒ
IP65-rated protection from water and dust ingress
ƒ
5-ft drop tolerance
ƒ
Compact, slim design (20 mm/0.79 in)
ƒ
Wireless communication technology, including Wi-Fi, Bluetooth, and NFC
(optional)
ƒ
Optional accessories include desk docking station, VESA docking station,
rubber bumper/hand strap, and 3-in-1 multifunctional stand
Introduction
Advantech’s MIT-W102, 10" tablet PC, is medical-grade certified, Windows-based and designed for healthcare environment. With IEC/EN/UL 60601-1 certification, this medical tablet
can be used in the most critical environments like operating rooms, intensive care units and emergency rooms.
Infection control and reliability are important elements for hospital and other healthcare facilities. To fulfill the requirements, MIT-W102 is IP-65 rated for water/dust protection and
easy for cleaning with the antibacterial housing.
In addition, MIT-W102 is equipped with Advantech’s DeviceOn/iService software, which is a next-generation unified device management solution based on the WISE-DeviceOn
platform. With support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management.
Specifications
System
Processor
Intel® Pentium® N4200 processor
Max. Speed
Quad-core 1.1GHz (burst frequency: 2.5GHz)
Memory
LPDDR4 1600MHz 4GB on board memory (8GB upon request)
Operating System
Windows 10 IoT Enterprise LTSC, Linux (available upon request)
Storage
SSD
1 x m.2 SSD (default 64GB, supports up to 128GB)
Display
Display Type
10.1" TFT LCD panel
Max. Resolution
1920 x 1200
Touch Type
Multi-point projected capacitive touch
Glass Type
Enhanced glass with anti-glare coating
Communication
Wi-Fi
Wireless IEEE 802.11a/b/g/n/ac
Bluetooth
Bluetooth V5.0,V4.2, V4.1, V4.0 LE, V3.0+HS, Bluetooth V2.1+EDR system
NFC
ISO 15693, ISO 14443A/B, FeliCa, MIFARE, Tag-it, My-D, M24LRXX, I code 2 (optional)
Audio
1 x Internal speaker, 1 x internal mono microphone
Connectivity
I/O
1 x Combo audio, 1 x USB 3.0, 1 x USB 2.0, 1 x micro HDMI, 1 x DC jack, 1 x expansion port, 1 x docking port
Camera
Front
2-megapixel fixed-focus camera (optional)
Rear
5-megapixel auto-focus camera with LED flash (optional)
Security
TPM 2.0
Control Buttons
2 x Programmable function keys, 1 x power button
System Indicators
Power, battery status, HDD, wireless connectivity, Bluetooth
Ingress Protection
IP65 rated
Power Supply
Input
90 ~ 275VAC, 50 ~ 60Hz, 1.5A @ 115VAC/0.75A @ 230VAC
Output
19VDC, 3.15A (max.), 60 W
Battery Capacity
Main Battery: 31.7 Whrs (11.1V 2860mAh)
Environmental
Temperature
Operating: 0 ~ 35 °C/32 ~ 95 °F
Storage: -20 ~ 60 °C/-4 ~ 140 °F
Humidity
Operating: 10% ~ 95% @ 35 °C/95 °F non-condensing
Storage: 10% ~ 95% @60 °C/140 °F non-condensing
Vibration
Operating: (5 ~ 500GHz) 1G
Non-operating: (5 ~ 500GHz) 4, 4 mm ~ 2G
Shock Resistance
Operating: 20 G, 11 ms; shipping: 1 ~ 200 Hz, 1.15G (refer to ISTA 2A)
Drop Tolerance
Up to 152.4 cm/5 ft onto plywood over concrete
Characteristics
Dimensions (W x H x D)
292 x 196 x 20 mm/11.5 x 7.7 x 0.79 in
Weight
1.1 kg/2.4 lb (base unit)
Color
White
Certifications
FCC Class B, CE, IEC/EN/UL 60601-1, 62368-1
All product specifications are subject to change without notice.
Last updated: 24-May-2022


Similar Part No. - MIT-W102

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIT-W101 ADVANTECH-MIT-W101 Datasheet
1Mb / 3P
10" Industrial Tablet PC with Intel Celeron Processor
MIT-W101-ACCBH000E ADVANTECH-MIT-W101-ACCBH000E Datasheet
1Mb / 3P
10" Industrial Tablet PC with Intel Celeron Processor
MIT-W101-ACCDS000E ADVANTECH-MIT-W101-ACCDS000E Datasheet
1Mb / 3P
10" Industrial Tablet PC with Intel Celeron Processor
MIT-W101-ACCEM000E ADVANTECH-MIT-W101-ACCEM000E Datasheet
1Mb / 3P
10" Industrial Tablet PC with Intel Celeron Processor
MIT-W101-ACCVB000E ADVANTECH-MIT-W101-ACCVB000E Datasheet
1Mb / 3P
10" Industrial Tablet PC with Intel Celeron Processor
More results

Similar Description - MIT-W102

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIM-55 ADVANTECH-AIM-55 Datasheet
1Mb / 5P
8 Medical-Grade Tablet with Intel짰 Atom??Processor and PCAP Touchscreen
18-Jan-2021
logo
BCM Advanced Research.
CAXA0 BCM-CAXA0 Datasheet
606Kb / 2P
10.1” Semi-Rugged Tablet with Intel® Celeron® N3350 Processor
2021/08/20
logo
AAEON Technology
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
logo
Advantech Co., Ltd.
AIM-58 ADVANTECH-AIM-58 Datasheet
1Mb / 8P
10.1" Medical-Grade Tablet with Intel® Atom™ Processor and PCAP Touchscreen
2-Feb-2023
logo
AAEON Technology
RTC-1010M AAEON-RTC-1010M Datasheet
477Kb / 2P
10.1" Semi-rugged Tablet Features Intel® N3350 / N4200 Processor With Windows® 10
2023/03/27
RTC-710AP AAEON-RTC-710AP Datasheet
521Kb / 2P
7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
2023/01/03
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
logo
Advantech Co., Ltd.
AIM-89H ADVANTECH-AIM-89H Datasheet
1Mb / 6P
13.3" Medical-Grade Tablet with Intel® Core™ i5 processor
28-Apr-2023
AIM-65 ADVANTECH-AIM-65_V01 Datasheet
1Mb / 6P
8" Industrial-Grade Tablet with Intel® Atom™ Processor
16-May-2019
PWS-872 ADVANTECH-PWS-872 Datasheet
2Mb / 8P
10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
17-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com