Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1633 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 27Page - Microchip Technology MCP1633 Datasheet HTML 28Page - Microchip Technology MCP1633 Datasheet HTML 29Page - Microchip Technology MCP1633 Datasheet HTML 30Page - Microchip Technology MCP1633 Datasheet HTML 31Page - Microchip Technology MCP1633 Datasheet HTML 32Page - Microchip Technology MCP1633 Datasheet HTML 33Page - Microchip Technology MCP1633 Datasheet HTML 34Page - Microchip Technology MCP1633 Datasheet HTML 35Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
 2020 Microchip Technology Inc.
DS20006289B-page 31
MCP1633
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Examples:
a) MCP1633-E/MG:
Low-Side PWM Controller with
LED Dimming Capability,
Extended Temperature Range,
16-Lead QFN Package
b) MCP1633T-E/MG:
Low-Side PWM Controller with
LED Dimming Capability,
Tape and Reel,
Extended Temperature Range,
16-Lead QFN Package
c) MCP1633-E/MGVAO:
Low-Side PWM Controller with
LED Dimming Capability,
Extended Temperature Range,
16-Lead QFN Package,
Automotive Qualified
d) MCP1633T-E/MGVAO:
Low-Side PWM Controller with
LED Dimming Capability,
Tape and Reel,
Extended Temperature Range,
16-Lead QFN Package,
Automotive Qualified
-X
Temperature
Range
PART NO.
/XX
Package
Device
Device:
MCP1633: Low-Side PWM Controller with LED Dimming
Capability
Tape and Reel
Option:
Blank = Standard Packaging (Tube or Tray)
T
= Tape and Reel(1)
Temperature
Range:
E
= Extended: –40
C to+125C
Package:
MG
= 16-Lead Plastic Quad Flat, No Lead Package
3 x 3 0.9 mm Body (QFN)
Qualification:
Blank = Standard Qualification
VAO
= AEC-Q100 Automotive Qualification
[X](1)
Tape and Reel
Option
XXX
Qualification
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com