Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1633 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1633
Description  Low-Side PWM Controller with LED Dimming Capability
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1633 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1633 Datasheet HTML 13Page - Microchip Technology MCP1633 Datasheet HTML 14Page - Microchip Technology MCP1633 Datasheet HTML 15Page - Microchip Technology MCP1633 Datasheet HTML 16Page - Microchip Technology MCP1633 Datasheet HTML 17Page - Microchip Technology MCP1633 Datasheet HTML 18Page - Microchip Technology MCP1633 Datasheet HTML 19Page - Microchip Technology MCP1633 Datasheet HTML 20Page - Microchip Technology MCP1633 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
 2020 Microchip Technology Inc.
DS20006289B-page 17
MCP1633
FIGURE 4-4:
Reference Voltage Generator.
4.6
Internal Oscillator
The MCP1633 PWM controller provides programmable
switching
frequency
with
an
external
resistor
connected between the FSW pin and GND. To set a
desired frequency, the resistor value can be calculated
with the Equation 1 below or using the graph in
Figure 2-20. A small capacitor in parallel with RFSW is
recommended.
EQUATION 1:
RESISTOR VALUE.
FIGURE 4-5:
Switching Frequency Set.
The internal oscillator can be synchronized by an
external clock pulse to EN/Sync pin. It is recommended
that the frequency of the external synchronization pulse
is within ±20% of the internal oscillator frequency
programmed by the FSW resistor. If the external
synchronization clock is lost, then the internal oscillator
takes control of the switching rate based on the FSW
resistor to maintain similar operating conditions. FSW
pin cannot be left floating.
4.7
Current Sense Amplifier
The internal current sense amplifier measures LED
current based on the differential voltage drop between
the ISP and ISN inputs over a common mode range of
0V to 5V. Inputs and output of the current sense
amplifier are directly connected to pins (ISP, ISN, IOUT)
to set the gain of the amplifier by external resistors
providing high flexibility in designing applications. The
output of current sense amplifier should be connected
to FB pin to close the loop and regulate the output
current. An optional low-pass filter can be used to filter
the effects of output current ripple and switching
spikes. Figure 4-6 shows an example of a filter.
SS/VREF
VIN
50
μA
VREF
RVREF
CSS
Time(s)
VREF
0.9*VREF
Amplitude(V)
RVREF 

VREF V

50
A
----------------------
=CSS F

ts

2.3 RVREF k

-------------------------------------------
=
RFSW
2E 05
–
F
SW2
0.0234 Fsw
0.026
–
+
=
FSW
VIN
20
μA
Oscillator
RFSW
CFSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com