Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1641X Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1641X
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1641X Datasheet(HTML) 2 Page - Microchip Technology

  MCP1641X Datasheet HTML 1Page - Microchip Technology MCP1641X Datasheet HTML 2Page - Microchip Technology MCP1641X Datasheet HTML 3Page - Microchip Technology MCP1641X Datasheet HTML 4Page - Microchip Technology MCP1641X Datasheet HTML 5Page - Microchip Technology MCP1641X Datasheet HTML 6Page - Microchip Technology MCP1641X Datasheet HTML 7Page - Microchip Technology MCP1641X Datasheet HTML 8Page - Microchip Technology MCP1641X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
MCP1641X
DS20006394D-page 2
 2020-2021 Microchip Technology Inc. and its subsidiaries
Typical Applications
VIN
GND
VFB
SW
VIN
0.8V to 1.6V
CIN
10 µF
L1
4.7 µH
VOUT
+
–
866 k
360 k
EN
UVLO
PG
LBO
COUT
10 µF
UVLOSTART = 0.85V
UVLOSTOP = 0.8V
MCP16415/6/7/8
Power Good
Low Battery Output
VOUT
3.3V
VIN
GND
VFB
SW
CIN
10 µF
L1
4.7 µH
VOUT
+
–
768 k
360 k
EN
430 k
UVLO
PGT
1M
ENABLE
LBO
1M
485 mV VREF
COUT
10 µF
ON
OFF
LBO Low if VIN < 2.4V
VIN
1.6V to 3.2V
UVLOSTART = 2.4V
UVLOSTOP = 0.8V
+
–
V
OUT
V
LBO
UVLO
START
UVLO
STOP
2 x
Batteries
Low Voltage
3.0V
3.2V
2.7V
3.0V
3.2V
2.7V
Auto IN-OUT
BYPASS area
REGULATION area
Time
0.8V
Progra med
2.4V
0V
MCP16411/2/3/4
VOUT
3V
1.69 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com