Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1641X Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1641X
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1641X Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1641X Datasheet HTML 4Page - Microchip Technology MCP1641X Datasheet HTML 5Page - Microchip Technology MCP1641X Datasheet HTML 6Page - Microchip Technology MCP1641X Datasheet HTML 7Page - Microchip Technology MCP1641X Datasheet HTML 8Page - Microchip Technology MCP1641X Datasheet HTML 9Page - Microchip Technology MCP1641X Datasheet HTML 10Page - Microchip Technology MCP1641X Datasheet HTML 11Page - Microchip Technology MCP1641X Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MCP1641X
DS20006394D-page 8
 2020-2021 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V, ILOAD = 10 mA,
TA = +25°C, 10-Lead MSOP Package, PFM/PWM Options = MCP16411/3/5/7, PWM Only Options = MCP16412/4/6/8.
FIGURE 2-7:
No Load Input Current vs.
Ambient Temperature, PFM/PWM Options.
FIGURE 2-8:
No Load Input Current vs.
VIN, PFM/PWM Options.
FIGURE 2-9:
Automatic Bypass Mode –
No Load Input Current vs. Ambient Temperature.
FIGURE 2-10:
No Load Input Current vs.
Ambient Temperature, PWM Only Options.
FIGURE 2-11:
No Load Input Current vs.
VIN, PWM Only Options.
FIGURE 2-12:
Average of PFM/PWM
Threshold Current vs.VIN.
0
10
20
30
40
50
60
70
80
90
100
-40 -30 -20 -10 0 1020304050607080
Ambient Temperature (°C)
V
IN = 1.6V
V
IN = 3V
V
IN = 1.2V
0.01
0.1
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Input Voltage (V)
V
OUT = 5V
V
OUT = 3.3V
V
OUT = 2V
0
20
40
60
80
100
120
140
160
180
200
-40 -30 -20 -10 0 1020304050607080
Ambient Temperature (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40 -30 -20 -10 0 1020304050607080
Ambient Temperature (°C)
V
IN = 1.6V
V
IN = 3V
V
IN = 1.2V
0.0001
0.001
0.01
0.1
1
10
100
1000
00.511.522.533.544.5
5
Input Voltage (V)
V
OUT = 5V
V
OUT = 3.3V
V
OUT = 2V
0
5
10
15
20
25
30
35
40
0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
4.4 4.8
Input Voltage (V)
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com