Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP624T-E/ST Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP624T-E/ST
Description  20 MHz, 200 μV Op Amps with mCal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP624T-E/ST Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP624T-E/ST Datasheet HTML 16Page - Microchip Technology MCP624T-E/ST Datasheet HTML 17Page - Microchip Technology MCP624T-E/ST Datasheet HTML 18Page - Microchip Technology MCP624T-E/ST Datasheet HTML 19Page - Microchip Technology MCP624T-E/ST Datasheet HTML 20Page - Microchip Technology MCP624T-E/ST Datasheet HTML 21Page - Microchip Technology MCP624T-E/ST Datasheet HTML 22Page - Microchip Technology MCP624T-E/ST Datasheet HTML 23Page - Microchip Technology MCP624T-E/ST Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
MCP621
MCP621S
MCP622
MCP623
MCP624
MCP625
MCP629
Symbol
Description
SOIC TDFN
SOT-23
SOIC DFN
SOT-23
SOIC TSSOP MSOP DFN
QFN
22
4
2
2
4
2
2
2
2
1
VIN–, VINA– Inverting Input (op amp A)
33
3
3
3
3
3
3
3
3
2
VIN+, VINA+ Noninverting Input (op amp A)
7
7
5
8
8
6
4
4
10
10
3
VDD
Positive Power Supply
——
—
5
5
—
5
5
7
7
4
VINB+
Noninverting Input (op amp B)
——
—
66
—
66
8
8
5
VINB–
Inverting Input (op amp B)
——
—
77
—
77
9
9
6
VOUTB
Output (op amp B)
——
—
—
—
—
—
—
—
—
7
CALBC/CSBC Calibrate/Chip Select Digital Input
(op amps B and C)
——
—
—
—
—
88
——
8
VOUTC
Output (op amp C)
——
—
—
—
—
99
——
9
VINC–
Inverting Input (op amp C)
——
—
—
—
—
10
10
——
10
VINC+
Noninverting input (op amp C)
44
2
4
4
211
11
44
11
VSS
Negative Power Supply
——
—
—
—
—
12
12
——
12
VIND+
Noninverting input (op amp D)
——
—
—
—
—
13
13
——
13
VINDD–
Inverting Input (op amp D)
——
—
—
—
—
14
14
——
14
VOUTD
Output (op amp D)
——
—
—
—
—
—
—
—
—
15
CALAD/CSAD Calibrate/Chip Select Digital Input
(op amps A and D)
66
1
1
1
1
1
1
1
1
16
VOUT, VOUTA Output (op amp A)
—
9
—
—
9
—
—
—
11
17
EP
Exposed Thermal Pad (EP);
must be connected to VSS
88
—
—
—
5
—
—
5
5
—
CAL/CS,
CALA/CSA
Calibrate/Chip Select Digital Input (op amp A)
——
—
—
—
—
—
—
6
6
—
CALB/CSB
Calibrate/Chip Select Digital Input (op amp B)
55
—
—
—
—
—
—
—
—
—
VCAL
Calibration Common Mode Voltage Input
1
1
—
—
—
—
—
—
—
—
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com