Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP624T-E/ST Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP624T-E/ST
Description  20 MHz, 200 μV Op Amps with mCal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP624T-E/ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP624T-E/ST Datasheet HTML 27Page - Microchip Technology MCP624T-E/ST Datasheet HTML 28Page - Microchip Technology MCP624T-E/ST Datasheet HTML 29Page - Microchip Technology MCP624T-E/ST Datasheet HTML 30Page - Microchip Technology MCP624T-E/ST Datasheet HTML 31Page - Microchip Technology MCP624T-E/ST Datasheet HTML 32Page - Microchip Technology MCP624T-E/ST Datasheet HTML 33Page - Microchip Technology MCP624T-E/ST Datasheet HTML 34Page - Microchip Technology MCP624T-E/ST Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
 2009-2021 Microchip Technology Inc. and its subsidiaries
DS20002188E-page 31
MCP621/1S/2/3/4/5/9
Package Marking Information (Continued)
14-Lead SOIC (.150”) (MCP624)
Example
14-Lead TSSOP (MCP624)
10-Lead DFN (3x3) (MCP625)
10-Lead MSOP (MCP625)
Example:
Device
Code
MCP625T-E/MF
BAFA
Note: Applies to 10-Lead 3x3 DFN
8-Lead SOIC (150 mil) (MCP621, MCP622)
Example:
Example
Example
NNN
MCP621E
SN ^^1129
256
3
e
BAFA
1129
256
625EUN
129256
MCP624
E/SL ^^
1129256
3
e
YYWW
NNN
XXXXXXXX
624E/ST
1129
256
16-Lead QFN (4x4) (MCP629)
Example
PIN 1
PIN 1
629
E/ML ^^
129256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com