Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5233 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5233
Description  High Input Voltage, Low IQ μCap LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5233 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5233 Datasheet HTML 1Page - Microchip Technology MIC5233 Datasheet HTML 2Page - Microchip Technology MIC5233 Datasheet HTML 3Page - Microchip Technology MIC5233 Datasheet HTML 4Page - Microchip Technology MIC5233 Datasheet HTML 5Page - Microchip Technology MIC5233 Datasheet HTML 6Page - Microchip Technology MIC5233 Datasheet HTML 7Page - Microchip Technology MIC5233 Datasheet HTML 8Page - Microchip Technology MIC5233 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2018-2019 Microchip Technology Inc.
DS20006033D-page 1
MIC5233
Features
• AEC-Q100 Qualified and PPAP Capable;
Available for 5-Lead SOT23 Package Only
• Wide Input Voltage Range: 2.3V to 36V
• Ultra-Low Ground Current: 18 µA
• Low Dropout Voltage of 270 mV at 100 mA
• High Output Accuracy of ±2.0% Overtemperature
• µCap: Stable with Ceramic or Tantalum
Capacitors
• Excellent Line and Load Regulation Specifications
• Near Zero Shutdown Current: Typical 0.1 µA
• Reverse Battery Protection
• Reverse Leakage Protection
• Thermal Shutdown and Current Limit Protection
• 5-Lead SOT23 and 3-Lead SOT223 Packages
Applications
• Keep-Alive Supply in Notebook and Portable
Computers
• USB Power Supply
• Logic Supply for High-Voltage Batteries
• Automotive Electronics
• Battery-Powered Systems
• 3-4 Cell Li-Ion Battery Input Range
General Description
The MIC5233 is a 100 mA, highly accurate, low dropout
regulator with high input voltage and ultra-low ground
current. This combination of high voltage and low
ground current makes the MIC5233 ideal for multicell
Li-Ion battery systems.
A µCap LDO design, the MIC5233 is stable with either
ceramic or tantalum output capacitors. It only requires
a 2.2 µF output capacitor for stability.
Features of the MIC5233 include enable input, thermal
shutdown, current limit and reverse battery protection,
and reverse leakage protection.
Available in fixed and adjustable output voltage ver-
sions, the MIC5233 is offered in the 5-lead SOT23 and
3-lead SOT223 packages with a junction temperature
range of –40°C to +125°C.
Typical Application Circuit
Ultra-Low Current Adjustable Regulator
Application
MIC5233YM5
V
IN
C
IN = 1.0 μF
OFF ON
EN
1
2
34
5
R1
R2
V
OUT
C
OUT = 2.2 μF
CERAMIC
I
GND = 18 μA
High Input Voltage, Low IQ µCap LDO Regulator


Similar Part No. - MIC5233

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC5233 MICREL-MIC5233 Datasheet
530Kb / 12P
High Input Voltage Low IQ 關Cap LDO Regulator
logo
Microchip Technology
MIC5233 MICROCHIP-MIC5233 Datasheet
1Mb / 24P
High Input Voltage, Low IQ μCap LDO Regulator
Revision E October 2022
logo
Micrel Semiconductor
MIC5233-1.8BM5 MICREL-MIC5233-1.8BM5 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC5233-1.8BM5 MICREL-MIC5233-1.8BM5 Datasheet
381Kb / 9P
High Input Voltage Low IQ 關Cap LDO Regulator
More results

Similar Description - MIC5233

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
High Input Voltage Low IQ 關Cap LDO Regulator
logo
Torex Semiconductor
XC6602 TOREX-XC6602 Datasheet
963Kb / 31P
1A, 0.5V Low Input Voltage, High Speed LDO Regulator
XC6603 TOREX-XC6603 Datasheet
927Kb / 29P
1A, 0.5V Low Input Voltage, High Speed LDO Regulator
logo
ON Semiconductor
NCP718 ONSEMI-NCP718 Datasheet
255Kb / 9P
Low Iq, Wide Input Voltage Low Dropout Regulator
March, 2018 ??Rev. 4
logo
Anpec Electronics Corop...
APL5155 ANPEC-APL5155_18 Datasheet
233Kb / 20P
High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
logo
ON Semiconductor
NCP153 ONSEMI-NCP153 Datasheet
737Kb / 14P
LDO Regulator - Dual, Low IQ
September, 2019 ??Rev. 2
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
Microchip Technology
MIC3490 MICROCHIP-MIC3490 Datasheet
942Kb / 20P
High Input Voltage, Low IQ μCap LDO Regulator
Revision A February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com