Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5233 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC5233
Description  High Input Voltage, Low IQ μCap LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5233 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC5233 Datasheet HTML 12Page - Microchip Technology MIC5233 Datasheet HTML 13Page - Microchip Technology MIC5233 Datasheet HTML 14Page - Microchip Technology MIC5233 Datasheet HTML 15Page - Microchip Technology MIC5233 Datasheet HTML 16Page - Microchip Technology MIC5233 Datasheet HTML 17Page - Microchip Technology MIC5233 Datasheet HTML 18Page - Microchip Technology MIC5233 Datasheet HTML 19Page - Microchip Technology MIC5233 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2018-2019 Microchip Technology Inc.
DS20006033D-page 17
MIC5233
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5233-1.8YM5-TR: High Input Voltage, Low IQ µCap
LDO Regulator, 1.8V, –40°C to
+125°C, 5-Lead SOT23, 3000/Reel
b) MIC5233-2.5YM5-TR: High Input Voltage, Low IQ µCap
LDO Regulator, 2.5V, –40°C to
+125°C, 5-Lead SOT23, 3000/Reel
c) MIC5233-3.0YM5-TR: High Input Voltage, Low IQ µCap
LDO Regulator, 3.0V, –40°C to
+125°C, 5-Lead SOT23, 3000/Reel
d) MIC5233-3.3YM5-TR: High Input Voltage, Low IQ µCap
LDO Regulator, 3.3V, –40°C to
+125°C, 5-Lead SOT23, 3000/Reel
e) MIC5233-5.0YM5-TR: High Input Voltage, Low IQ µCap
LDO Regulator, 5.0V, –40°C to
+125°C, 5-Lead SOT23, 3000/Reel
f) MIC5233YM5-TR:
High Input Voltage, Low IQ µCap
LDO Regulator, Adjustable, –40°C to
+125°C, 5-Lead SOT23, 3000/Reel
g) MIC5233-3.3YS:
High Input Voltage, Low IQ µCap
LDO Regulator, 3.3V, –40°C to
+125°C, 3-Lead SOT223, 78/Tube
h) MIC5233-5.0YS:
High Input Voltage, Low IQ µCap
LDO Regulator, 5.0V, –40°C to
+125°C, 3-Lead SOT223, 78/Tube
i) MIC5233-5.0YS-TR:
High Input Voltage, Low IQ µCap
LDO Regulator, 5.0V, –40°C to
+125°C, 3-Lead SOT223, 2500/Reel
PART NO.
XXX
Package
Device
Device:
MIC5233: High Input Voltage, Low IQ µCap 
LDO Regulator
Output Voltage:
1.8 = 1.8V
2.5 = 2.5V
3.0 = 3.0V
3.3 = 3.3V
5.0 = 5.0V
Adjustable <blank> = Adjustable
Junction
Temperature Range:
Y
= –40°C to +125°C
Package:
M5
= 5-Lead SOT23
S
= 3-Lead SOT223
Media Type:
<blank> = 78/Tube (SOT223 Only)
TR
= 2,500/Reel (SOT223 Only)
TR
= 3000/Reel (SOT23 Only)
X
Junction
Note: Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.
–XX
Media Type
–X.X
Output
Voltage
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com