Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6040 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC6040
Description  High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6040 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC6040 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6040 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6040 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6040 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6040 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC6040
2004-12-01
4
Collector
−emitter voltage VCE (V)
Safe operating area
0.001
10
1 ms*
10 ms*
VCEO max
100 µs*
100 ms*
IC max (Pulse)*
1
100
1000
10
0.1
1
0.01
10 µs*
rth – tw
Pulse width tw (s)
1000
0.1
0.001
1000
0.01
0.1
1
10
100
1
100
DC operation
Ta = 25°C
0
0
40
80
120
160
200
0.2
0.4
0.8
1.0
1.2
Ambient temperature Ta (°C)
PC – Ta
0.6
10
Curves apply only to limited areas of thermal resistance.
Single nonrepetitive pulse Ta = 25
°C
*:Single nonrepetitive pulse
Ta = 25°C
Curves
must
be
derated
linearly
with
increase
in
temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com