Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6040 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC6040
Description  High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6040 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC6040 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6040 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6040 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6040 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6040 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC6040
2004-12-01
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC6040
High-Speed and High-Voltage Switching Applications
Switching Regulator Applications
DC-DC Converter Applications
• High-speed switching: tf = 0.2 µs (max) (IC = 0.3 A)
• High breakdown voltage: VCES = 800 V, VCEO = 410 V
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
800
V
Collector-emitter voltage
VCES
800
V
Collector-emitter voltage
VCEO
410
V
Emitter-base voltage
VEBO
8
V
DC
IC
1.0
Collector current
Pulse
ICP
2.0
A
Base current
IB
0.5
A
Collector power
dissipation
Ta = 25°C
PC
1.0
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7D101A
Weight:
0.2 g (typ.)
Base
Collector
Emitter
1.
2.
3.


Similar Part No. - 2SC6040

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6040 TOSHIBA-2SC6040 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6040

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_07 Datasheet
268Kb / 7P
High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H Datasheet
215Kb / 7P
High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H_09 Datasheet
228Kb / 7P
High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
High Speed Switching Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com