Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD67B Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # UPD67B
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67B Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button UPD67B Datasheet HTML 61Page - Renesas Technology Corp UPD67B Datasheet HTML 62Page - Renesas Technology Corp UPD67B Datasheet HTML 63Page - Renesas Technology Corp UPD67B Datasheet HTML 64Page - Renesas Technology Corp UPD67B Datasheet HTML 65Page - Renesas Technology Corp UPD67B Datasheet HTML 66Page - Renesas Technology Corp UPD67B Datasheet HTML 67Page - Renesas Technology Corp UPD67B Datasheet HTML 68Page - Renesas Technology Corp UPD67B Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
63
µPD67B, 68B
Data Sheet U16792EJ1V1DS
NS
C
DM
M
P
L
U
T
G
F
E
B
K
J
detail of lead end
S
20
11
110
A
H
I
ITEM
B
C
I
L
M
N
20-PIN PLASTIC SSOP (7.62 mm (300))
A
K
D
E
F
G
H
J
P
T
MILLIMETERS
0.65 (T.P.)
0.475 MAX.
0.13
0.5
6.1
±0.2
0.10
0.17
±0.03
0.1
±0.05
0.24
1.3
±0.1
8.1
±0.2
1.2
+
0.08
–0.07
1.0
±0.2
3
°+5°
−3°
0.25
0.6
±0.15
U
NOTE
Each lead centerline is located within 0.13 mm of
its true position (T.P.) at maximum material condition.
S20MC-65-5A4-2
6.65
±0.15
14. PACKAGE DRAWING
Remark The external dimensions and material of the ES version are the same as those of the mass produced
version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com