| Electronic Components Datasheet Search |
|
UPD67B Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD67B Datasheet(HTML) 11 Page - Renesas Technology Corp |
|
11 / 73 page ![]() 9 µPD67B, 68B Data Sheet U16792EJ1V1DS 2. INTERNAL CPU FUNCTIONS 2.1 Program Counter (PC): 11 Bits The program counter (PC) is a binary counter that holds the address information of the program memory. Figure 2-1. Program Counter Configuration The PC contains the address of the instruction that should be executed next. Normally, the counter contents are automatically incremented in accordance with the instruction length (byte count) each time an instruction is executed. However, when executing jump instructions (JMP, JC, JNC, JF, JNF), the PC contains the jump destination address written in the operand. When executing the subroutine call instruction (CALL), the call destination address written in the operand is entered in the PC after the PC contents at the time are saved in the address stack register (ASR). If the return instruction (RET) is executed after the CALL instruction is executed, the address saved in the ASR is restored to the PC. After reset, the value of the PC becomes 000H. 2.2 Stack Pointer (SP): 1 Bit This is a 1-bit register that holds the status of the address stack register. The stack pointer contents are incremented when the call instruction (CALL) is executed and decremented when the return instruction (RET) is executed. After reset, the stack pointer contents are cleared to 0. When the stack pointer overflows (stack level 2 or more) or underflows, the CPU is defined as hung up, a system reset signal is generated, and the PC becomes 000H. As no instruction is available to set a value directly for the stack pointer, it is not possible to operate the pointer by means of a program. 2.3 Address Stack Register (ASR (RF)): 11 Bits The address stack register saves the return address of the program after a subroutine call instruction is executed. The lower 8 bits are allocated in RF of the data memory as a alternate-function RAM. The register holds the ASR value even after the RET instruction is executed. After reset, it holds the previous data (undefined when turning on the power). Caution If RF is accessed as the data memory, the higher 3 bits of the ASR become undefined. Figure 2-2. Address Stack Register Configuration PC9 PC10 PC0 PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC ASR10 ASR9 ASR8 ASR7 ASR6 ASR5 ASR4 ASR3 ASR2 ASR1 ASR0 ASR RF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |