Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC835 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC835
Description  34x34 Crosspoint Switch with Signal Detection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC835 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC835 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC835
2.5 Gbits/sec
34x34 Crosspoint Switch with Signal Detection
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
7/24/00
G52270-0, Rev. 4.1
If any change in a monitor state occurs after sampling by MONCLK, an interrupt will be signalled by
asserting INTB, and the user must identify the offending channel by reading the monitor states. The interrupt
will be cleared when the corresponding activity monitor is read, but the monitor state will not be changed. If
multiple monitors have triggered the interrupt, it will persist until all the corresponding monitors have been
read.
LOA requires a minimum signal level of 30-150mV peak-peak to recognize an input as active. This is
required to distinguish noise on an unconnected signal (where both inputs float to the termination voltage) from
activity on a live signal. A minimum of two transitions defines activity. The threshold signal level is controlled
by the voltage on the VHYS pin. In order to keep the hysteresis in a useful range, it is recommended that VHYS
be nominally tied to VCC (useful range is 2.0V to VCC ).
.
AC Characteristics
note: Unless otherwise stated, all specifications are guaranteed but not tested.
note 1: Skew between any two input channels to a given output.
note 2: Skew between any two output channels from the same input channel.
note 3: Required for high-speed output rise/fall spec at FRATE=2.5 Gbits/s. For lower rate signals, use 0.375/FRATE
note 4: Broadband jitter added to a jitter-free signal; jitter is primarily in the form of ISI for random data
Table 2: Memory Map
Address
Access
Description
00h
R/W
Output Y0’s programmed input channel (write and then assert CONFIG to program)
01h
R/W
Output Y1’s programmed input channel
...
...
...
21h
R/W
Output Y33’s programmed input channel
22h, 23h
R/O
Rx Signal monitor for inputs [A0-A3], [A4-A7]
(Logic ‘1’=No activity)
24h, 25h
R/O
Rx Signal monitor for inputs [A8-A11], [A12-A15]
26h, 27h
R/O
Rx Signal monitor for inputs [A16-A19], [A20-A23]
28h, 29h
R/O
Rx Signal monitor for inputs [A24-A27], [A28-A31]
2Ah
R/O
Rx Signal monitor for inputs [A32-A33]
Table 3: Data Path
Parameter
Description
Min
Typ
Max
Units
FRATE
Data rate
-
-
2.5
Gbits/s
TISKW
Input channel delay skew (1)
-
300
-
ps
TOSKW
Output channel delay skew (2)
-
300
-
ps
tR, tF
High-speed input rise/fall times, 20% to 80% (3)
-
-
150
ps
tR, tF
High-speed output rise/fall times, 20% to 80%
-
-
150
ps
tjP
Output data eye jitter, peak-peak, 231 PRBS (4)
-
-
100
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com