Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC835 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC835
Description  34x34 Crosspoint Switch with Signal Detection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC835 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC835 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
7/24/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC835
2.5 Gbits/sec
34x34 Crosspoint Switch with Signal Detection
G52270-0, Rev. 4.1
note 1: Nominal PECL mode, VCC=VCCP=3.3V, VEE=0, terminated 50ohms to +2.0V
Table 6: Control Port input levels (TTL)
Parameter
Description
Min
Typ
Max
Units
Conditions
VIH
Input HIGH voltage (TTL)
2.0
—3.5
V
—
VIL
Input LOW voltage (TTL)
0
—
0.8
V
—
IIH
Input HIGH current (TTL)
—
—
500
µAV
IN = 2.4V
IIL
Input LOW current (TTL)
—
—
-500
µAV
IN = 0.5V
VOH
Output HIGH voltage (TTL)
2.4
—
3.0
V
IOH = 2mA
VOL
Output LOW voltage (TTL)
0.1
—
0.4
V
IOL = 1.5mA
IOZ
Tri-state output current (TTL)
-100
—
100
µAV
OUT = 0.4V-2.4V
Table 7: Data input levels (differential PECL)
Parameter
Description
Min
Typ
Max
Units
Conditions
VID
Input differential voltage
400
—
1000
mV
—
VICM
Input common-mode voltage
1.8
—
2.2
V
VCC=3.3V
Table 8: Data output levels (differential PECL)
Parameter
Description
Min
Typ
Max
Units
Conditions
VOD
Output differential voltage
600
—
1000
mV
note 1
VOCM
Output common-mode voltage
1.8
—
2.2
V
note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com