Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6410C036 Datasheet(PDF) 83 Page - STMicroelectronics

Part # VV6410C036
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 79Page - STMicroelectronics VV6410C036 Datasheet HTML 80Page - STMicroelectronics VV6410C036 Datasheet HTML 81Page - STMicroelectronics VV6410C036 Datasheet HTML 82Page - STMicroelectronics VV6410C036 Datasheet HTML 83Page - STMicroelectronics VV6410C036 Datasheet HTML 84Page - STMicroelectronics VV6410C036 Datasheet HTML 85Page - STMicroelectronics VV6410C036 Datasheet HTML 86Page - STMicroelectronics VV6410C036 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
83/105
cd5410-6410f-3-0.fm
9.6.3
No data write followed by same location read.
When a location is to be read, but the value of the stored index is not known, a write message with no data byte must be written
first, specifying the index. The read message then completes the message sequence. To avoid relinquishing the serial to bus to
another master a repeated start condition is asserted between the write and read messages, i.e. no stop condition is asserted. In
this example, the
gain value (index = 3610) is read as 1510:
As mentioned in the previous example, the read message is terminated with a negative acknowledge (A) from the master.
9.6.4
Same location multiple data write.
It may be desirable to write a succession of data to a common location. This is useful when the status of a bit (e.g. auto-load)
must be toggled.
The message sequence indexes
sf_setup register 108. If bit 0 is toggled high, low this will initiate a fresh auto-load. This is
achieved by writing two consecutive data bytes to the sensor. There is no requirement to re-send the register index before each
data byte.
9.6.5
Same location multiple data read
When an exposure related value (
fineH, fineL, coarseH, coarse L, gain or clk_div) is written, it takes effect on the output at the
beginning of the next video frame, (remember that the application of the
gain value is a frame later than the other exposure
parameters). To signal the consumption of the written value, a flag is set when any of the exposure or gain registers are written
and is reset at the start of the next frame. This flag appears in
status0 register and may be monitored by the bus master. To
speed up reading from this location, the sensor will repeatedly transmit the current value of the register, as long as the master
acknowledges each byte read.
In the below example, a
fineH exposure value of 0 is written, the status register is addressed (no data byte) and then constantly
read until the master terminates the read message.
Figure 40 : No data write followed by same location read.
S
A
Sr
A
A
A
P
3310
3610
3310
3610
1510 A
0
0
No data write
Read index and data
SA
A
A
3210
2110
410
010
A
0
Write to
pin_mapping
Figure 41 : Same location multiple data write.
410
P
Toggle control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com