Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV6410C036 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VV6410C036
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6410C036 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VV6410C036 Datasheet HTML 5Page - STMicroelectronics VV6410C036 Datasheet HTML 6Page - STMicroelectronics VV6410C036 Datasheet HTML 7Page - STMicroelectronics VV6410C036 Datasheet HTML 8Page - STMicroelectronics VV6410C036 Datasheet HTML 9Page - STMicroelectronics VV6410C036 Datasheet HTML 10Page - STMicroelectronics VV6410C036 Datasheet HTML 11Page - STMicroelectronics VV6410C036 Datasheet HTML 12Page - STMicroelectronics VV6410C036 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
9/105
cd5410-6410f-3-0.fm
3.
Operating Modes
3.1
Video Timing
The video format mode on power-up is CIF 30fps by default. After power-up the mode can be changed by a serial interface to
write to the
video_timing register. The frame/field rate is also programmable via the serial interface. Bit [3] of serial register [16]
selects between 30 and 25 frames per second for the CIF modes and 60/50 fields per second for the Digital and Analog Timing
modes. Please note that the sensor can exit low power in ANY of the available video modes.
The number of video lines in each frame is the same (320) for both the CIF modes. The slower frame rate (25 fps) is implemented
by simply extending the line period from 416 pixel periods to 500 pixel periods.
Table 3 details the setup for each of the video timing modes. A serial write to serial register [16] will force the contents of other
registers in the serial interface to change to the appropriate values, regardless of their present state. If for example a different
data output mode is required than the default for a particular video mode, a write to the appropriate register after the mode has
changed will restore the desired value.
3.1.1
Arbitration registers
When the operating video mode is changed a number of serial registers are forced into new states. The complete list is as
follows:
Video Mode
Clock (MHz)
System
Clock
Divisor
Video Data
Line
Length
Field Length
Data Output
Mode
PAL (3.2 fsc)
28.636360 / 2.5
2
356 x 292
454
312/313
5-wire
NTSC (3.2 fsc)
35.46895 / 2.5
2
306 x 244
364
262/263
5-wire
CIF - 25 fps
16.0
4
356 x 292
500
320
5-wire
CIF - 30 fps
16.0
4
356 x 292
416
320
5-wire
QCIF - 25 fps
8.0
8
180 x 148
250
160
5-wire
QCIF - 30 fps
8.0
8
180 x 148
208
160
5-wire
QCIF - 60 fps
16.0
8
180 x 148
208
160
5-wire
Table 3 : Video Timing Modes
Arbitrated
feature
Video mode selected/value automatically programmed
PAL
NTSC
CIF 25fps
CIF 30fps
PTQCIF
25fps
PTQCIF
30fps
SSQCIF
25fps
SSQCIF
30fps
line length
453
363
499
415
249
207
249
207
field length
311
261
319
319
159
159
159
159
system clock divi-
sion
22448888
free running
qcknote1
yes
yes
no
no
no
no
no
no
extra black
linesnote2
yes
yes
no
no
no
no
no
no
Table 4 : Arbitration registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com