Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICP1040P Datasheet(PDF) 10 Page - Microchip Technology

Part # ICP1040P
Description  7.9-11GHz 12W GaN PA MMIC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP1040P Datasheet(HTML) 10 Page - Microchip Technology

Back Button ICP1040P Datasheet HTML 6Page - Microchip Technology ICP1040P Datasheet HTML 7Page - Microchip Technology ICP1040P Datasheet HTML 8Page - Microchip Technology ICP1040P Datasheet HTML 9Page - Microchip Technology ICP1040P Datasheet HTML 10Page - Microchip Technology ICP1040P Datasheet HTML 11Page - Microchip Technology ICP1040P Datasheet HTML 12Page - Microchip Technology ICP1040P Datasheet HTML 13Page - Microchip Technology ICP1040P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
7.9-11GHz 12W GaN PA MMIC
ICP1040P
Engineering Datasheet Rev E
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 10
Power Performance | Test conditions unless otherwise stated | V
D=28V, IDQ=100mA , CW, TA=25C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com