Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICP1040P Datasheet(PDF) 1 Page - Microchip Technology

Part # ICP1040P
Description  7.9-11GHz 12W GaN PA MMIC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP1040P Datasheet(HTML) 1 Page - Microchip Technology

  ICP1040P Datasheet HTML 1Page - Microchip Technology ICP1040P Datasheet HTML 2Page - Microchip Technology ICP1040P Datasheet HTML 3Page - Microchip Technology ICP1040P Datasheet HTML 4Page - Microchip Technology ICP1040P Datasheet HTML 5Page - Microchip Technology ICP1040P Datasheet HTML 6Page - Microchip Technology ICP1040P Datasheet HTML 7Page - Microchip Technology ICP1040P Datasheet HTML 8Page - Microchip Technology ICP1040P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
7.9-11GHz 12W GaN PA MMIC
ICP1040P
Engineering Datasheet Rev E
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 1
Features
• Frequency Range: 7.9 - 11GHz
• Pout: 40 dBm Pulsed (100uS,10%)
• PAE: 40%
• Small Signal Gain: 22 dB
• Bias: VD=24V IDQ=100mA
• Integrated Power Detector
• Technology: GaN on SiC
• Lead-free and RoHS compliant
• Package: 6mm x 6mm QFN
Applications
•
Commercial Radar
•
Satellite Communications
•
Aerospace & Defense
Electrical Specifications | Test conditions unless otherwise stated | V
D=28V, IDQ=100mA ,TA=25
˚C, Pulsed 100uS / 10%
Min
Typ
Max
Units
Frequency
7.9
11
GHz
Output Power @ Psat
PIN=24dBm
40
dBm
PAE @ Psat
PIN=24dBm
40
%
Small Signal Gain
22
dB
Input Return Loss
10
dB
Output Return Loss
6
dB
IDQ
100
mA
VGS
-2.42
V
ID drive
POUT=41dBm
1100
mA
Image
Description
ICONICRF’s ICP1040P is a 2 stage MMIC power amplifier in 6mm package, fabricated using GaN on SiC tech-
nology. ICP1040P operates from 7.9-11GHz with 41dBm output power, 40% typical PAE and 22dB small sig-
nal gain. ICP1040P is well suited to commercial and defense applications.
Drain Voltage (VD)
30.0V
Gate Voltage Range (VG)
-5 to 0V
Gate Current (IG)
5mA
Drain Current (CW) TA=25ºC
2.0A
CW Input Power 50ohm, TA=25ºC
+20dBm
Channel Temperature
275°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
Ordering Information
Part No.
ICP1040-1-350I
6x6mm 40ld QFN Package
ICP1040-2-501U
Evaluation Board with SMA connectors
Exceeding any one or combination of these limits may cause
permanent damage to this device.
ICONIC RF does not recommend sustained operation near
these survivability limits.
VG
VG
VD
VD
RF IN
RF OUT


Similar Part No. - ICP1040P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1240-1-110I MICROCHIP-ICP1240-1-110I Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1240-1-501U MICROCHIP-ICP1240-1-501U Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
ICP1543-1-110I MICROCHIP-ICP1543-1-110I Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
More results

Similar Description - ICP1040P

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2623 TRIQUINT-TGA2623_15 Datasheet
580Kb / 14P
10 to 11GHz 35W GaN Power Amplifier
TGA2625 TRIQUINT-TGA2625_15 Datasheet
615Kb / 14P
10 to 11GHz 20W GaN Power Amplifier
logo
Cree, Inc
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
logo
Qorvo, Inc
TGA2623 QORVO-TGA2623 Datasheet
580Kb / 14P
10 ??11GHz 35W GaN Power Amplifier
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
WOLFSPEED, INC.
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
logo
Microchip Technology
ICP0349P MICROCHIP-ICP0349P Datasheet
4Mb / 16P
2.7-3.5GHz 70W GaN PA MMIC
Rev B
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com