Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC080SMA120B4 Datasheet(PDF) 2 Page - Microchip Technology

Part # MSC080SMA120B4
Description  1200 V, 80 mΩ SiC N-Channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMA120B4 Datasheet(HTML) 2 Page - Microchip Technology

  MSC080SMA120B4 Datasheet HTML 1Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 2Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 3Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 4Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 5Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 6Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 7Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 8Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MSC080SMA120B4
Device Specifications
© 2023 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS00004673B-page 2
1.
Device Specifications
This section shows the specifications of the MSC080SMA120B4 device.
1.1
Absolute Maximum Ratings
The following table shows the absolute maximum ratings of the MSC080SMA120B4 device.
Table 1-1. Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VDSS
Drain source voltage
1200
V
ID
Continuous drain current at TC = 25 °C
40
A
Continuous drain current at TC = 100 °C
28
IDM
Pulsed drain current1
90
VGS
Gate-source voltage
23 to –10
V
PD
Total power dissipation at TC = 25 °C
231
W
Linear derating factor
1.54
W/°C
Note: 
1.
Repetitive rating: pulse width and case temperature limited by maximum junction temperature.
The following table shows the thermal and mechanical characteristics of the MSC080SMA120B4 device.
Table 1-2. Thermal and Mechanical Characteristics
Symbol
Characteristic/Test Conditions
Min
Typ
Max
Unit
RθJC
Junction-to-case thermal resistance
0.50
0.65
°C/W
TJ
Operating junction temperature
–55
175
°C
TSTG
Storage temperature
–55
150
°C
TL
Lead temperature for 10 seconds
300
°C
Mounting torque, 6-32 or M3 screw
10
lbf-in
1.1
N-m
Wt
Package weight
0.22
oz
6.2
g
1.2
Electrical Performance
The following table shows the static characteristics of the MSC080SMA120B4 device. TJ = 25 °C unless otherwise
specified.
Table 1-3. Static Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
V(BR)DSS Drain-source breakdown voltage
VGS = 0 V, ID = 100 μA
1200
V
RDS(on)
Drain-source on resistance1
VGS = 20 V, ID = 15 A
80
100
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com