Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC080SMA120B4 Datasheet(PDF) 3 Page - Microchip Technology

Part # MSC080SMA120B4
Description  1200 V, 80 mΩ SiC N-Channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC080SMA120B4 Datasheet(HTML) 3 Page - Microchip Technology

  MSC080SMA120B4 Datasheet HTML 1Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 2Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 3Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 4Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 5Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 6Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 7Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 8Page - Microchip Technology MSC080SMA120B4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MSC080SMA120B4
Device Specifications
© 2023 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS00004673B-page 3
...........continued
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS(th)
Gate-source threshold voltage
VGS = VDS, ID = 1 mA
1.9
3.0
4.5
V
IDSS
Zero gate voltage drain current
VDS = 1200 V, VGS = 0 V
100
µA
VDS = 1200 V, VGS = 0 V, TJ =
125 °C
500
IGSS
Gate-source leakage current
VGS = 20 V/–10 V
±100
nA
Note: 
1.
Pulse test: pulse width < 380 μs, duty cycle < 2%.
The following table shows the dynamic characteristics of the MSC080SMA120B4 device. TJ = 25 °C unless otherwise
specified.
Table 1-4. Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input capacitance
VGS = 0 V
VDD = 1000 V
VAC = 25 mV
ƒ = 200 kHz
1100
pF
Crss
Reverse transfer
capacitance
6.2
Coss
Output capacitance
91
Qg
Total gate charge
VGS = –5 V/20 V
VDD = 800 V
ID = 15 A
64
nC
Qgs
Gate-source charge
12
Qgd
Gate-drain charge
19
td(on)
Turn-on delay time
VDD = 850 V
VGS = –5 V/20 V
ID = 20 A
Rg(ext) = 8 Ω
Freewheeling diode =
MSC080SMA120B4 (VGS = –5
V) (reference Fig. 1-17)
13
ns
tr
Voltage rise time
11
td(off)
Turn-off delay time
22
tf
Voltage fall time
12
Eon
Turn-on switching energy
469
µJ
Eoff
Turn-off switching energy
47
ESR
Gate equivalent series
resistance
f = 1 MHz, 25 mV, drain short
1.9
Ω
SWCT
Short circuit withstand time
VDS = 960 V, VGS = 20 V
3
µs
EAS
Avalanche energy, single
pulse
VDS = 150 V, ID = 15 A
100
mJ
The following table shows the body diode characteristics of the MSC080SMA120B4 device. TJ = 25 °C unless
otherwise specified.
Table 1-5. Body Diode Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VSD
Diode forward voltage
ISD = 15 A, VGS = 0 V
4.0
V
ISD = 15 A, VGS = –5 V
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com