Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AMAE Datasheet(PDF) 91 Page - Pericom Semiconductor Corporation

Part # PI7C8150AMAE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AMAE Datasheet(HTML) 91 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AMAE Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 88Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 89Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 90Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 92Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 93Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 95Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 91 of 111
APRIL 2006 – Revision 1.1
Bit
Function
Type
Description
3
Target Abort
During Posted
Write
R/W
Controls PI7C8150A’s ability to assert P_SERR_L when it receives a
target abort when attempting to deliver posted write data.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set
1: P_SERR_L is not asserted if this event occurs
Reset to 0
4
Master Abort On
Posted Write
R/W
Controls PI7C8150A’s ability to assert P_SERR_L when it receives a
master abort when attempting to deliver posted write data.
0: P_SERR# is asserted if this event occurs and the SERR# enable bit
in the command register is set
1: P_SERR# is not asserted if this event occurs
Reset to 0
5
Delayed Write
Non-Delivery
R/W
Controls PI7C8150A’s ability to assert P_SERR# when it is unable to
transfer delayed write data after 2
24 attempts.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set
1: P_SERR_L is not asserted if this event occurs
Reset to 0
6
Delayed Read –
No Data From
Target
R/W
Controls PI7C8150A’s ability to assert P_SERR_L when it is unable
to transfer any read data from the target after 2
24 attempts.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set
1: P_SERR_L is not asserted if this event occurs
Reset to 0
7
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
14.1.39
GPIO DATA AND CONTROL REGISTER – OFFSET 64h
Bit
Function
Type
Description
11:8
GPIO Output
Write-1-to-Clear
R/WC
Writing 1 to any of these bits drives the corresponding bit LOW on
the GPIO[3:0] bus if it is programmed as bidirectional. Data is
driven on the PCI clock cycle following completion of the
configuration write to this register. Bit positions corresponding to
GPIO pins that are programmed as input only are not driven. Writing
0 has no effect and will show last the last value written when read.
Reset to 0.
15:12
GPIO Output
Write-1-to-Set
R/WS
Writing 1 to any of these bits drives the corresponding bit HIGH on
the GPIO[3:0] bus if it is programmed as bidirectional. Data is
driven on the PCI clock cycle following completion of the
configuration write to this register. Bit positions corresponding to
GPIO pins that are programmed as input only are not driven. Writing
0 has no effect and will show last the last value written when read.
Reset to 0.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com