Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AMAE Datasheet(PDF) 21 Page - Pericom Semiconductor Corporation

Part # PI7C8150AMAE
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AMAE Datasheet(HTML) 21 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AMAE Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8150AMAE Datasheet HTML 25Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 21 of 111
APRIL 2006 – Revision 1.1
Pin
Number
Name
Type
Pin
Number
Name
Type
Pin
Number
Name
Type
J2
GPIO[2]
TS
J3
GPIO[3]
TS
J4
VDD
P
J5
VDD
P
J6
VSS
P
J7
VSS
P
J8
VSS
P
J9
VSS
P
J10
VSS
P
J11
VSS
P
J12
VDD
P
J13
VDD
P
J14
RESERVED
-
J15
TDI
I
J16
RESERVED
-
K1
GPIO[0]
TS
K2
S_CLKOUT[0]
O
K3
S_CLKOUT[1]
O
K4
VDD
P
K5
VDD
P
K6
VSS
P
K7
VSS
P
K8
VSS
P
K9
VSS
P
K10
VSS
P
K11
VSS
P
K12
VDD
P
K13
VDD
P
K14
P_VIO
I
K15
MSK_IN
I
K16
CFG66
SCAN_EN_H
I
L1
S_CLKOUT[2]
O
L2
S_CLKOUT[3]
O
L3
S_CLKOUT[5]
O
L4
S_CLKOUT[6]
O
L5
VDD
P
L6
VSS
P
L7
VSS
P
L8
VSS
P
L9
VSS
P
L10
VSS
P
L11
VSS
P
L12
VDD
P
L13
P_AD[4]
TS
L14
P_AD[2]
TS
L15
P_AD[1]
TS
L16
P_AD[0]
TS
M1
S_CLKOUT[4]
O
M2
S_CLKOUT[8]
O
M3
S_CLKOUT[9]
O
M4
P_CLK
I
M5
VSS
P
M6
VDD
P
M7
VDD
P
M8
VDD
P
M9
VDD
P
M10
VDD
P
M11
VDD
P
M12
VSS
P
M13
P_AD[6]
TS
M14
P_AD[7]
TS
M15
P_AD[5]
TS
M16
P_AD[3]
TS
N1
S_CLKOUT[7]
O
N2
BPCCE
I
N3
P_AD[31]
TS
N4
VSS
P
N5
P_AD[28]
TS
N6
P_AD[25]
TS
N7
VDD
P
N8
VDD
P
N9
VDD
P
N10
VDD
P
N11
P_PAR
TS
N12
P_AD[11]
TS
N13
VSS
P
N14
VSS
P
N15
P_AD[8]
TS
N16
P_CBE_L[0]
TS
P1
P_RESET_L
I
P2
P_REQ_L
TS
P3
VSS
P
P4
VSS
P
P5
P_AD[27]
TS
P6
P_IDSEL
I
P7
P_AD[22]
TS
P8
P_AD[18]
TS
P9
P_FRAME_L
STS
P10
P_DEVSEL_L
STS
P11
P_SERR_L
OD
P12
P_AD[14]
TS
P13
VDD
P
P14
VSS
P
P15
VDD
P
P16
P_AD[9]
TS
R1
P_GNT_L
I
R2
VSS
P
R3
VDD
P
R4
VSS
P
R5
P_AD[24]
TS
R6
P_CBE_L[3]
TS
R7
P_AD[20]
TS
R8
P_AD[17]
TS
R9
P_CBE_L[2]
TS
R10
P_TRDY_L
STS
R11
P_LOCK_L
STS
R12
P_AD[15]
TS
R13
P_AD[12]
TS
R14
P_M66EN
I
R15
VSS
P
R16
MS1
P
T1
VSS
P
T2
P_AD[30]
TS
T3
VDD
P
T4
P_AD[29]
TS
T5
P_AD[26]
TS
T6
P_AD[23]
TS
T7
P_AD[21]
TS
T8
P_AD[19]
TS
T9
P_AD[16]
TS
T10
P_IRDY_L
STS
T11
P_STOP_L
STS
T12
P_PERR_L
STS
T13
P_CBE_L[1]
TS
T14
P_AD[13]
TS
T15
P_AD[10]
TS
T16
VSS
P
3
PCI BUS OPERATION
This Chapter offers information about PCI transactions, transaction forwarding across
PI7C8150A, and transaction termination. The PI7C8150A has two 128-byte FIFO’s for
buffering of upstream and downstream transactions. These hold addresses, data,
commands, and byte enables that are used for write transactions. The PI7C8150A also has
an additional four 128-byte FIFO’s that hold addresses, data, commands, and byte enables
for read transactions.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com