Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT971ABC Datasheet(PDF) 85 Page - Intel Corporation

Part # LXT971ABC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ABC Datasheet(HTML) 85 Page - Intel Corporation

Back Button LXT971ABC Datasheet HTML 81Page - Intel Corporation LXT971ABC Datasheet HTML 82Page - Intel Corporation LXT971ABC Datasheet HTML 83Page - Intel Corporation LXT971ABC Datasheet HTML 84Page - Intel Corporation LXT971ABC Datasheet HTML 85Page - Intel Corporation LXT971ABC Datasheet HTML 86Page - Intel Corporation LXT971ABC Datasheet HTML 87Page - Intel Corporation LXT971ABC Datasheet HTML 88Page - Intel Corporation LXT971ABC Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
85
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Table 56. LED Configuration Register (Address 20, Hex 14)
Bit
Name
Description
Type 1
Default
20.15:12
LED1
Programming
bits
0000 = Display Speed Status (Continuous, Default)
0001 = Display Transmit Status (Stretched)
0010 = Display Receive Status (Stretched)
0011 = Display Collision Status (Stretched)
0100 = Display Link Status (Continuous)
0101 = Display Duplex Status (Continuous)
0110 = Unused
0111 = Display Receive or Transmit Activity (Stretched)
1000 = Test mode- turn LED on (Continuous)
1001 = Test mode- turn LED off (Continuous)
1010 = Test mode- blink LED fast (Continuous)
1011 = Test mode- blink LED slow (Continuous)
1100 = Display Link and Receive Status combined 2
(Stretched)3
1101 = Display Link and Activity Status combined 2
(Stretched)3
1110 = Display Duplex and Collision Status combined 4
(Stretched)3
1111 = Unused
R/W
0000
20.11:8
LED2
Programming
bits
0000 = Display Speed Status
0001 = Display Transmit Status
0010 = Display Receive Status
0011 = Display Collision Status
0100 = Display Link Status (Default)
0101 = Display Duplex Status
0110 = Unused
0111 = Display Receive or Transmit Activity
1000 = Test mode- turn LED on
1001 = Test mode- turn LED off
1010 = Test mode- blink LED fast
1011 = Test mode- blink LED slow
1100 = Display Link and Receive Status combined 2
(Stretched)3
1101 = Display Link and Activity Status combined 2
(Stretched)3
1110 = Display Duplex and Collision Status combined 4
(Stretched)3
1111 = Unused
R/W
0100
1. R/W = Read /Write
RO = Read Only
LH = Latching High
2. Link status is the primary LED driver. The LED is asserted (solid ON) when the link is up.
The secondary LED driver (Receive or Activity) causes the LED to change state (blink).
3. Combined event LED settings are not affected by Pulse Stretch Register bit 20.1. These display settings
are stretched regardless of the value of 20.1.
4. Duplex status is the primary LED driver. The LED is asserted (solid ON) when the link is full-duplex.
Collision status is the secondary LED driver. The LED changes state (blinks) when a collision occurs.
5. Values are relative approximations. Not guaranteed or production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com