Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78P058F Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD78P058F
Description  MOS INTEGRATED CIRCUIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P058F Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD78P058F Datasheet HTML 35Page - Renesas Technology Corp UPD78P058F Datasheet HTML 36Page - Renesas Technology Corp UPD78P058F Datasheet HTML 37Page - Renesas Technology Corp UPD78P058F Datasheet HTML 38Page - Renesas Technology Corp UPD78P058F Datasheet HTML 39Page - Renesas Technology Corp UPD78P058F Datasheet HTML 40Page - Renesas Technology Corp UPD78P058F Datasheet HTML 41Page - Renesas Technology Corp UPD78P058F Datasheet HTML 42Page - Renesas Technology Corp UPD78P058F Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
µPD78P058F
37
VDD = 5.0 V
±10%
0.1
30
µA
VDD = 3.0 V
±10%
0.05
10
µA
VDD = 5.0 V
±10%
1
30
µA
VDD = 3.0 V
±10%
0.5
10
µA
DC Characteristics (TA = –40 to +85
°C, VDD = 2.7 to 6.0 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply currentNote 1
IDD1
5.0-MHz crystal oscillation operating
VDD = 5.0 V
±10%Note 5
515
mA
mode (fXX = 2.5 MHz)Note 2
VDD = 3.0 V
±10%Note 6
0.7
2.1
mA
5.0-MHz crystal oscillation operating
VDD = 5.0 V
±10%Note 5
9.0
27.0
mA
mode (fXX = 5.0 MHz)Note 3
VDD = 3.0 V
±10%Note 6
1.0
3.0
mA
IDD2
5.0-MHz crystal oscillation HALT
VDD = 5.0 V
±10%
1.4
4.2
mA
mode (fXX = 2.5 MHz)Note 2
VDD = 3.0 V
±10%
0.5
1.5
mA
5.0-MHz crystal oscillation HALT
VDD = 5.0 V
±10%
1.6
4.8
mA
mode (fXX = 5.0 MHz)Note 3
VDD = 3.0 V
±10%
0.65
1.95
mA
IDD3
32.768-kHz
VDD = 5.0 V
±10%
135
270
µA
crystal oscillation operating modeNote 4 VDD = 3.0 V ±10%
95
190
µA
IDD4
32.768-kHz
VDD = 5.0 V
±10%
25
55
µA
crystal oscillation HALT modeNote 4
VDD = 3.0 V
±10%
5
15
µA
IDD5
XT1 = VDD
STOP mode
Feedback resistor used
IDD6
XT1 = VDD
STOP mode
Feedback resistor not used
Notes
1. Passed through the VDD and AVDD pins. Does not include the current which is passed through the A/D
converter, D/A converter, and on-chip pull-up resistor.
2. fXX = fX/2 operation (when the oscillation mode selection register (OSMS) is set to 00H)
3. fXX = fX operation (when OSMS is set to 01H)
4. When the main system clock is stopped
5. High-speed mode operation (when the processor clock control register (PCC) is set to 00H)
6. Low-speed mode operation (when PCC is set to 04H)
Remarks
1.
fXX : Main system clock frequency (fX or fX/2)
2.
fX
: Main system clock oscillation frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com