Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78P058F Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD78P058F
Description  MOS INTEGRATED CIRCUIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P058F Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD78P058F Datasheet HTML 9Page - Renesas Technology Corp UPD78P058F Datasheet HTML 10Page - Renesas Technology Corp UPD78P058F Datasheet HTML 11Page - Renesas Technology Corp UPD78P058F Datasheet HTML 12Page - Renesas Technology Corp UPD78P058F Datasheet HTML 13Page - Renesas Technology Corp UPD78P058F Datasheet HTML 14Page - Renesas Technology Corp UPD78P058F Datasheet HTML 15Page - Renesas Technology Corp UPD78P058F Datasheet HTML 16Page - Renesas Technology Corp UPD78P058F Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
11
µPD78P058F
1.
DIFFERENCES BETWEEN
µPD78P058F AND MASK ROM VERSIONS
The
µPD78P058F is a single-chip microcontroller with an on-chip one-time PROM.
Setting the memory size switching register (IMS) and internal expansion RAM size switching register (IXS) enables
identical functions to mask ROM versions (
µPD78056F and 78058F) except the functions of PROM specifications and
of mask options for P60 to P63.
Differences between the
µPD78P058F and mask ROM versions are shown in Table 1-1.
Table 1-1. Differences between
µPD78P058F and Mask ROM Versions
Item
µPD78P058F
Mask ROM Versions
Internal ROM structure
One-time PROM
Mask ROM
Internal ROM capacity
60 Kbytes
µPD78056F : 48 Kbytes
µPD78058F : 60 Kbytes
Internal expansion RAM capacity
1024 bytes
µPD78056F : None
µPD78058F : 1024 bytes
Change of internal ROM capacity by
Can be changedNote
Cannot be changed
memory size switching register (IMS)
Change of internal expansion RAM
Can be changedNote
Cannot be changed
capacity by internal expansion
RAM size switching register (IXS)
IC pin
None
Provided
VPP pin
Provided
None
Pull-up resistor on-chip mask option
None
Provided
of P60 to P63 pins
Electrical specifications,
See each Data Sheet.
recommended soldering conditions
Note The RESET input sets the internal PROM capacity and internal expansion RAM capacity to 60 Kbytes and 1024
bytes, respectively.
Caution
The PROM version and mask ROM version differ in noise tolerance and noise emission. When
replacing a PROM version with a mask ROM version when switching from experimental production
to mass production, make a thorough evaluation with a CS version (not ES version) of the mask
ROM version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com