Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1922 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1922
Description  100V, 3A, Single-Channel,Half-Bridge Pre-Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1922 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1922 Datasheet HTML 8Page - Monolithic Power Systems MP1922 Datasheet HTML 9Page - Monolithic Power Systems MP1922 Datasheet HTML 10Page - Monolithic Power Systems MP1922 Datasheet HTML 11Page - Monolithic Power Systems MP1922 Datasheet HTML 12Page - Monolithic Power Systems MP1922 Datasheet HTML 13Page - Monolithic Power Systems MP1922 Datasheet HTML 14Page - Monolithic Power Systems MP1922 Datasheet HTML 15Page - Monolithic Power Systems MP1922 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP1922 – 100V, 3A, SINGLE-CHANNEL, HALF-BRIDGE PRE-DRIVER IC
MP1922 Rev. 1.0
www.MonolithicPower.com
12
9/10/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The
MP1922
is
a
100V,
single-channel,
integrated circuit (IC) half-bridge pre-driver for
driving two N-channel power MOSFETs with up
to 3A source and 4A sink current capability. The
device also supports output supply voltages up
to 100V.
The MP1922 features low-power sleep mode,
which disables the device and draws a very low
supply current. It also provides flexible functions
such
as
configurable
output
slew
rate,
adjustable
dead-time
control,
and
output
desaturation detection, which allow the device
to be used in many applications.
Start-Up
Start-up is initiated by the application of voltage
to the VG pin.
To initiate start-up, the VG voltage (VG), which
is the power supply voltage for the MP1922,
must exceed the VUVLO threshold (about 3.1V).
After VG exceeds this threshold, the MP1922
turns on the internal circuitry, including the high-
side gate drive charge pump.
If auto-refresh is enabled at start-up and the AR
pin is grounded, then the MP1922 initiates a
bootstrap (BST) charge cycle by briefly turning
off the high-side
MOSFET
(HS-FET)
and
turning on the low-side MOSFET (LS-FET)
during start-up.
If the output is commanded high (INH = H, INL
= L) before the BST charge process is complete,
then a fault may be triggered due to insufficient
gate drive voltage for fully turning on the HS-
FET. If auto-refresh is not enabled, then the LS-
FET should be turned on for at least a few
microseconds
to
quickly
charge
the
BST
capacitor (CBST). Relying on the internal charge
pump
to
initially
charge
CBST
is
not
recommended due to limited current capability
and the time required to provide sufficient
charge to the capacitor.
The start-up process takes between 1ms and
2ms.
Sleep Operation
By driving nSLEEP low, the device enters a
low-power sleep state, in which all internal
circuits are disabled and all inputs are ignored.
To wake up from sleep mode, about 1ms must
pass for the circuits to initialize and for the gate
drive charge pump to start up before the device
drives the FETs.
Input Logic
The INH input pin is used to control the HS-FET
gate drive. The INL pin controls the LS-FET
gate drive. Positive dead time is enforced by
the device. If both INH and INL are driven high,
then neither FET is driven (see Table 1).
Table 1: Input Logic
INL
INH
OUT
H
H
High impedance
H
L
GND
L
H
VIN
L
L
High impedance
The ENBL pin enables the outputs. When
ENBL is low, both the high-side (HS) and low-
side (LS) gate drive outputs are pulled to
ground, disabling both output FETs. The ENBL
input can be used for fast protection circuits.
nFAULT
The nFAULT pin reports to the system when a
fault condition, such as output FET desaturation
or over-temperature (OT), is detected. nFAULT
is an open-drain output, and is pulled low when
a fault occurs. If the fault condition is reset by
de-asserting ENBL, removing VG, or activating
nSLEEP, then the nFAULT pin is pulled high by
the external pull-up resistor.
The nFAULT pin can be connected to the ENBL
input pin and a pull-up resistor to make the
MP1922 automatically restart after a fault.
When a fault occurs, the nFAULT pin pulls the
ENBL pin low, which resets the fault condition.
After this reset, the pull-up resistor pulls ENBL
high again.
Adding a capacitor in parallel with the pull-up
resistor introduces a delay in re-enabling the
MP1922 and extends the retry cycle. The RC
time constant sets the retry delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com