Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1922 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1922
Description  100V, 3A, Single-Channel,Half-Bridge Pre-Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1922 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1922 Datasheet HTML 9Page - Monolithic Power Systems MP1922 Datasheet HTML 10Page - Monolithic Power Systems MP1922 Datasheet HTML 11Page - Monolithic Power Systems MP1922 Datasheet HTML 12Page - Monolithic Power Systems MP1922 Datasheet HTML 13Page - Monolithic Power Systems MP1922 Datasheet HTML 14Page - Monolithic Power Systems MP1922 Datasheet HTML 15Page - Monolithic Power Systems MP1922 Datasheet HTML 16Page - Monolithic Power Systems MP1922 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP1922 – 100V, 3A, SINGLE-CHANNEL, HALF-BRIDGE PRE-DRIVER IC
MP1922 Rev. 1.0
www.MonolithicPower.com
13
9/10/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved
The state of the nFAULT pin is sampled at
start-up. If nFAULT is low, then the desaturation
detection feature is disabled.
Current-Sense Amplifier
An integrated current-sense amplifier magnifies
the voltage difference between the CSP input
pin and CSN input pin, which is outputted to the
CSO pin.
The
current-sense
amplifier
gain
is
programmed to one of four settings by an
external resistor connected between the CSG
pin and ground. Table 2 shows the current-
sense gain.
Table 2: Current-Sense Gain
RCSG
Gain
0Ω
210
10kΩ
105
30kΩ
52.5
100kΩ
21
The CSR pin creates a bias in the output
toward
a
positive
reference
voltage
corresponding
to
zero
current.
With
this
method, current can be measured in both
positive and negative directions.
The current-sense amplifier is typically used to
measure the voltage drop across an LS shunt
resistor. In some special applications, the
amplifier also measures the voltage drop across
the LS-FET by connecting the CSP input to the
drain of the LS-FET, and connecting CSN to
ground through blocking diodes (see Figure 2).
BST
CSP
GL
GH
OUT
CSN
Figure 2: Measure LS-FET Voltage Drop
CSEN is an output enable pin that disables the
current-sense amplifier
’s output. The CSEN pin
therefore allows multiple MP1922 devices to be
connected
to
a
single
analog-to-digital
converter (ADC) input, with one CSO output
enabled at a time to perform measurements.
To guarantee stability, the CSO pin should not
be loaded with capacitance above 100pF. The
CSO pin can drive about 500µA of output
current (IOUT).
Desaturation Detection
The voltage across both the HS-FET and LS-
FET is monitored by a circuit that compares the
voltage drop across the FET when it turns on to
a reference voltage.
Whenever a FET is turned on, there is a
blanking period, and then the voltage across
the FET is compared to the reference voltage. If
the FET voltage drop exceeds the reference,
then the outputs are disabled and the nFAULT
pin is driven active low.
The outputs remain disabled until the device is
disabled by de-asserting ENBL, removing VG,
or activating nSLEEP.
High-Side (HS) Gate Drive Generation
The HS gate drive voltage is typically generated
from CBST (connected between the OUT pin and
BST pin). Each time the LS-FET is turned on,
CBST is charged.
If the output is held high for a long period of
time (typically several seconds), then CBST
slowly discharges. This discharge eventually
results in the loss of the HS-FET gate drive.
To offset this leakage, an internal charge pump
generates a small current to maintain the CBST
charge. In some cases, especially at high
temperatures, this trickle current is not sufficient
to maintain the voltage on CBST.
The BST voltage (VBST) is monitored by an
under-voltage detection circuit. If the bootstrap
voltage falls below the VBST under-voltage
lockout (UVLO) threshold, then the MP1922
initiates a BST refresh cycle by briefly turning
off the HS-FET and turning on the LS-FET.
The auto-refresh behavior is controlled and
reported by the AR pin. The state of the AR pin
is sampled during start-up. If AR is connected
directly to ground, auto-refresh is enabled. If AR
is pulled up to a logic supply, then when VBST
falls below its UVLO threshold, the HS-FET is
disabled and the AR pin is pulled low. The
system
must
consequently
take
action
to
charge CBST by turning on the LS-FET or
initiating a new start-up cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com