Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4571 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP4571
Description  High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4571 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP4571 Datasheet HTML 21Page - Monolithic Power Systems MP4571 Datasheet HTML 22Page - Monolithic Power Systems MP4571 Datasheet HTML 23Page - Monolithic Power Systems MP4571 Datasheet HTML 24Page - Monolithic Power Systems MP4571 Datasheet HTML 25Page - Monolithic Power Systems MP4571 Datasheet HTML 26Page - Monolithic Power Systems MP4571 Datasheet HTML 27Page - Monolithic Power Systems MP4571 Datasheet HTML 28Page - Monolithic Power Systems MP4571 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
MP4571
– 60V, 1A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4571 Rev. 1.1
www.MonolithicPower.com
25
2/22/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
more switching cycles than are required to
refresh the capacitor. The means the effective
duty cycle of the switching regulator is high.
The effective duty cycle during regulator dropout
is mostly influenced by the voltage drops across
the power MOSFET, inductor resistance, low-
side diode, and PCB resistance.
Start-Up and Shutdown
If both VIN and VEN exceed their respective
thresholds, the chip starts. The reference block
starts first, generating a stable reference voltage
and current, and then the internal regulator is
enabled. The regulator provides a stable supply
for the remaining circuitries.
While the internal supply rail is up, an internal
timer holds the power MOSFET off for about
50µs to blank the start-up glitches. When the
soft-start block is enabled, it first holds its SS
output low to ensure the circuitries are ready,
then slowly ramps up.
Three events can shut down the chip: EN going
low, VIN UVLO, and thermal shutdown. In the
shutdown
procedure,
the
signaling
path
is
blocked first to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command, but its
charging path is disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com