Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4571 Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP4571
Description  High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4571 Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP4571 Datasheet HTML 25Page - Monolithic Power Systems MP4571 Datasheet HTML 26Page - Monolithic Power Systems MP4571 Datasheet HTML 27Page - Monolithic Power Systems MP4571 Datasheet HTML 28Page - Monolithic Power Systems MP4571 Datasheet HTML 29Page - Monolithic Power Systems MP4571 Datasheet HTML 30Page - Monolithic Power Systems MP4571 Datasheet HTML 31Page - Monolithic Power Systems MP4571 Datasheet HTML 32Page - Monolithic Power Systems MP4571 Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
MP4571
– 60V, 1A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4571 Rev. 1.1
www.MonolithicPower.com
29
2/22/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PCB Layout Guidelines (9)
An optimized PCB layout is critical for proper
operation.
A
4-layer
layout
is
strongly
recommended to improve thermal performance.
For the best results, refer to Figure 7 and follow
the guidelines below:
1. Place high-current paths (GND, IN, and SW)
very close to the device with short, direct, and
wide traces.
2. Use
large
copper
areas
to
minimize
conduction loss and thermal stress.
3. Place the ceramic input capacitors as close to
the IN and GND pins as possible to minimize
high frequency noise.
4. Place the T-type feedback resistors as close
as possible to the FB pin to ensure the trace
connecting to the FB pin is as short as
possible.
5. Route SW and BST away from sensitive
analog areas, such as FB.
6. Use multiple vias to connect the power
planes to the internal layer.
Note:
9) The recommended PCB layout is based on the circuit in Figure
8.
Top Layer and Top Silk
Inner Layer 1
Inner Layer 2
Bottom Layer and Bottom Silk
Figure 7: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com