Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310 Datasheet(PDF) 1 Page - Morse Mfg. Co., Inc.

Part # 310
Description  Tilt-To-Load Drum Tumblers Feature Power-Tilt to Enable Easy, Floor-Level Loading
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

310 Datasheet(HTML) 1 Page - Morse Mfg. Co., Inc.

  310 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 6Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The Specialist In Drum Handling Equipment
310 Series
Drum Tumblrs TM
Copyright 2022 - Morse Mfg. Co., Inc.
Spec Sheet F310
(Updated 23 Aug., 2022)
1
MADE
IN
USA
service@morsedrum.com
103 Kuhn Rd.
Syracuse, NY, 13208 USA
morsedrum.com
(315) 437-8475
Mixing in a Closed Drum Means Less Hazards
Using a Morse Drum Rotator eliminates spills, splashing of dangerous contents on
workers, and risk of contamination. Now you can get the benefits of mixing inside closed
shipping drums and have the machine do the work of loading and unloading itself! Morse
310 Series models accept the drum upright at floor level. The user controls hydraulic tilting
action that raises the drum into position for rotating. A second valve allows the operator
to start and stop the hydraulic motor that drives rotation. You minimize time, labor and
operating cost by eliminating extra moves required for getting drum into mixing position.
Rotate various sized drums, weighing up to 800 Lb. (363 kg) at 5 to 20 RPM.
Install all Morse Rotators in accordance with OSHA requirements for enclosure and safety
interlock, etc. so the rotator automatically turns off when enclosure door is opened. One
way to accomplish this is with a Morse enclosure with safety interlock.
For
OSHA compliance, see
OSHA subpart
O.1910.212(a)(4) “Barrels,
containers, and drums.
Revolving drums, barrels,
and
containers shall be
guarded by an enclosure
which is interlocked with
the
drive mechanism, so that
the
barrel, drum, or container
cannot revolve unless the
guard enclosure is in
place.”
Power connections and
motor controls must
comply with applicable
codes.
Tilt-To-Load Drum Tumbler shown with
Controls and Enclosure with Safety Interlock
(sold separately)
Rotate closed plastic, steel, or fiber drum
Thorough corner-over-corner mixing action
Save time, labor and money
Use a separate drum for each batch
No container to purge between batches
Load drum into lowered drum holder with hinged ratchet
plate and the top clamps both open. Model 152 Drum
Truck is shown loading drum. Can also load with Model
81 Drum Spotter or Model 92 Below-Hook Drum Lifter.
Secure drum in the rotator using the web strap and
ratchet, and tightening the top clamps (inset).
Turn the motor on to activate the hydraulics. Raise
the drum to the top position by raising the TILT control
valve. To begin rotating, raise the ROTATE control
valve.
1. Load Upright Drum at Floor Level
2. Secure Drum in Holder
3. Power Lift and Rotate
Tilt-To-Load Drum Tumblers
Tumble a plastic, steel or fiber drum:
29” to 37” (74 to 94 cm) tall
18” to 23.5” (46 to 60 cm) in diameter
Rotate your drum at:
5 to 20 RPM for 60Hz or Air models
4 to 16 RPM for 50Hz models
Capacity:
800 Lb. (363 kg) Full Drum
400 Lb. (181 kg) Half-Full Drum
Half-full Capacity is an indication of the capacity for tilting an
unbalanced, bottom-heavy drum. A partially full drum with an
unbalanced and shifting load is harder to tilt than a full drum.
Optional Hydraulic Oil Cooler for applications requiring a
higher service factor, such as longer run times or operating in areas
with high ambient temperature.
Factory Installed Option # 5014i-P on AC model
Kit # 5014KIT-P for customer to install on AC model
Tilt-To-Load Drum Tumblers Feature Power-Tilt to Enable Easy, Floor-Level Loading


Similar Part No. - 310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
310 ETC1-310 Datasheet
50Kb / 1P
Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
DB Lectro Inc
310 DBLECTRO-310 Datasheet
382Kb / 1P
SCREW TYPE SERIES
logo
Mill-Max Mfg. Corp.
310 MILL-MAX-310 Datasheet
199Kb / 1P
INTERCONNECTS .100??Grid (.018??dia.) Pins SMT Gull Wing Headers & Sockets Single and Double Row
logo
Intronics Power, Inc.
310 INTRONICS-310 Datasheet
984Kb / 5P
Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
List of Unclassifed Man...
310 ETC2-310 Datasheet
933Kb / 1P
Four wire Kelvin lead measurements
More results

Similar Description - 310

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-302 KODENSHI-SG-302 Datasheet
194Kb / 2P
Tilt Sensor
logo
Sharp Corporation
GP2TD02 SHARP-GP2TD02 Datasheet
87Kb / 3P
TILT SENSOR
logo
Omron Electronics LLC
D6BN OMRON-D6BN Datasheet
1Mb / 6P
Micro Tilt Sensor
logo
Bud Industries, Inc.
HH-3440-TS BUD-HH-3440-TS Datasheet
35Kb / 1P
TILT STAND
logo
American Electronic Com...
4929 AEC-4929 Datasheet
182Kb / 1P
Tilt Switch - Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
Tilt Switch / Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
Tilt Switch - Mercury
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
logo
Morse Mfg. Co., Inc.
456 MORSE-456 Datasheet
986Kb / 5P
Built-in Hydraulics Tilt Upright Drum to Horizontal
10 Aug, 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com