Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310 Datasheet(PDF) 5 Page - Morse Mfg. Co., Inc.

Part # 310
Description  Tilt-To-Load Drum Tumblers Feature Power-Tilt to Enable Easy, Floor-Level Loading
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORSE [Morse Mfg. Co., Inc.]
Direct Link  https://morsedrum.com/
Logo MORSE - Morse Mfg. Co., Inc.

310 Datasheet(HTML) 5 Page - Morse Mfg. Co., Inc.

  310 Datasheet HTML 1Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 2Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 3Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 4Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 5Page - Morse Mfg. Co., Inc. 310 Datasheet HTML 6Page - Morse Mfg. Co., Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MADE
IN
USA
morsedrum.com
Copyright 2022 - Morse Mfg. Co., Inc.
Spec Sheet F310
(Updated 23 Aug., 2022)
5
The Specialist In Drum Handling Equipment
310 Series
Drum Tumblrs TM
Explosion Proof AC Control Package
(sold separately) NEMA 7/9 for Hazardous Areas
Includes Control Box with:
Start and Stop Buttons
Wire terminals for external connection of safety
interlock switch
Control Package #
Description
Minimum Power
Supply Required
Power Supply
CP-310-1-115 *
Control Package for 310-1
30 Amp
1-Phase 115V 60Hz
CP-310-1-230 *
Control Package for 310-1
15 Amp
1-Phase 230V 60Hz
CP-310-1-220-50
Control Package for 310-1-50
15 Amp
1-Phase 220V 50Hz
CP-310-3-230 *
Control Package for 310-3
15 Amp
3-Phase 230V 60Hz
CP-310-3-460 *
Control Package for 310-3
10 Amp
3-Phase 460V 60Hz
CP-310-3-230-50
Control Package for 310-3-50
10 Amp
3-Phase 230V 50Hz
CP-310-3-400-50
Control Package for 310-3-50
10 Amp
3-Phase 400V 50Hz
CP-310-3-575
Control Package for 310-3-575
10 Amp
3-Phase 575V 60Hz
CP-310-E1-115 *
Control Package for 310-E1, Explosion-Proof
30 Amp
1-Phase 115V 60Hz
CP-310-E1-208 *
Control Package for 310-E1, Explosion-Proof
15 Amp
1-Phase 208V 60Hz
CP-310-E1-230 *
Control Package for 310-E1, Explosion-Proof
15 Amp
1-Phase 230V 60Hz
CP-310-E1-220-50 *
Control Package for 310-E1-50, Explosion-Proof
15 Amp
1-Phase 220V 50Hz
CP-310-E3-208 *
Control Package for 310-E3, Explosion-Proof
15 Amp
3-Phase 208V 60Hz
CP-310-E3-230 *
Control Package for 310-E3, Explosion-Proof
15 Amp
3-Phase 230V 60Hz
CP-310-E3-230-50 *
Control Package for 310-E3-50, Explosion-Proof
15 Amp
3-Phase 230V 50Hz
CP-310-E3-460 *
Control Package for 310-E3, Explosion-Proof
10 Amp
3-Phase 460V 60Hz
CP-310-E3-400-50 *
Control Package for 310-E3-50, Explosion-Proof
10 Amp
3-Phase 400V 50Hz
Select the appropriate Control Package for each model, and your power supply. Use power controls to start and stop drum rolling.
The control mast can be positioned outside the Safety Enclosure on either the left or right side, or at the back of Drum Tumbler.
Includes Control Box with:
Timer adjusts from a few
seconds to 16 hours
Start and Stop Buttons
Red Emergency Stop
Button
Lockable Main Disconnect
to shut off and lock out
power to the unit
Wire terminals for external
connection of safety
interlock switch
AC Control Package (sold separately) NEMA 4/12 for NON-Hazardous Areas
Control Packages (sold separately)
Air Controls are Included with Model 310-A
Air Controls Include
Filter, Regulator and Lubricator (FRL)
On / Off Valve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com