Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ033EZ01ZP Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ033EZ01ZP
Description  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033EZ01ZP Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PQ033EZ01ZP Datasheet HTML 3Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 4Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 5Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 6Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 7Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 8Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 9Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 10Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 11Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
Fig.23 Output Voltage vs. Input Voltage
(PQ033EZ5MZ)
Fig.24 Output Voltage vs. Input Voltage
(PQ015EZ01Z)
Fig.25 Output Voltage vs. Input Voltage
(PQ018EZ01Z)
Fig.26 Output Voltage vs. Input Voltage
(PQ025EZ01Z)
Fig.27 Output Voltage vs. Input Voltage
(PQ030EZ01Z)
Fig.28 Output Voltage vs. Input Voltage
(PQ033EZ01Z)
Input voltage VIN (V)
0
3.5
3
2.5
2
1.5
1
0.5
012345
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=11Ω (IO=0.3A)
RL=6.6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
Input voltage VIN (V)
0
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
012345
RL=3Ω (IO=0.5A)
RL=1.5Ω (IO=1A)
RL=∞Ω (IO=0A)
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
Input voltage VIN (V)
0
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
012345
RL=3.6Ω (IO=0.5A)
RL=1.8Ω (IO=1A)
RL=∞Ω (IO=0A)
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
Input voltage VIN (V)
0
2.5
2
1.5
1
0.5
012345
RL=5Ω (IO=0.5A)
RL=2.5Ω (IO=1A)
RL=0Ω (IO=0A)
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
Input voltage VIN (V)
0
3.5
3
2.5
2
1.5
1
0.5
012345
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=6Ω (IO=0.5A)
RL=3Ω (IO=1A)
RL=∞Ω (IO=0A)
Input voltage VIN (V)
0
3.5
3
2.5
2
1.5
1
0.5
012345
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=6.6Ω (IO=0.5A)
RL=3.3Ω (IO=1A)
RL=∞Ω (IO=0A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com