Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ033EZ01ZP Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ033EZ01ZP
Description  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033EZ01ZP Datasheet(HTML) 1 Page - Sharp Corporation

  PQ033EZ01ZP Datasheet HTML 1Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 2Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 3Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 4Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 5Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 6Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 7Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 8Page - Sharp Corporation PQ033EZ01ZP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
s Outline Dimensions
(Unit : mm)
s Features
q
Low voltage operation (Minimum operating voltage: 2.35V)
2.5V input
→ available 1.5 to 1.8V
q
Low dissipation current
Dissipation current at no load : MAX. 2mA
Output OFF-state dissipation current: MAX. 5µA
q
Built-in overcurrent protection and overheat protection
functions
s Applications
q
Peripheral equipment of personal computers
q
Power supplies for various electronic equipment such as
DVD player or STB
s Model Line-up
•Please refer to the chapter " Handling Precautions ".
s Absolute Maximum Ratings
Output voltage (VO)
1.8V
1.5V
2.5V
Package
type
Taping
Sleeve
Taping
Sleeve
0.5A
1A
PQ015EZ01ZZ
PQ015EZ01ZP
PQ015EZ5MZZ
PQ015EZ5MZP
PQ018EZ01ZZ
PQ018EZ01ZP
PQ018EZ5MZZ
PQ018EZ5MZP
PQ030EZ01ZZ
PQ030EZ01ZP
PQ030EZ5MZZ
PQ030EZ5MZP
PQ033EZ01ZZ
PQ033EZ01ZP
PQ033EZ5MZZ
PQ033EZ5MZP
PQ025EZ01ZZ
PQ025EZ01ZP
PQ025EZ5MZZ
PQ025EZ5MZP
Output
current (IO)
3.3V
3V
Taping
Sleeve
Taping
Sleeve
0.5A
1A
Parameter
Symbol
Rating
Unit
Input voltage
10
V
V
10
150
˚C
−40 to +85
˚C
Junction temperature
VIN
ON/OFF control terminal voltage
VC
0.5
A
Output
current
PQxxxEZ5MZ Series
1
PQxxxEZ01Z Series
IO
Tj
(Ta
=25°C)
Operating temperature
Storage temperature
Soldering temperature
Topr
−40 to +150
˚C
Tstg
260 (10s)
˚C
Tsol
❇1
❇3
Power dissipation
❇2
❇1 All are open except GND and applicable terminals.
❇2 PD:With infinite heat sink
❇3 Overheat protection may operate at Tj
=125˚C to 150˚C
8W
PD
(
) : Typical dimensions
0.5
+0.2
–0.1
Epoxy resin
(0.5)
(0.5)
(0 to 0.25)
6.6
MAX.
5.2±
0.5
2.3±
0.5
4–(1.27)
015EZ5M
3
1
2
3
4
5
DC input (VIN)
ON/OFF control terminal (VC)
DC output (VO)
NC
GND
1
2
3
4
5
1
2
3
5
Specific IC
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/


Similar Part No. - PQ033EZ01ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ033EZ01ZP SHARP-PQ033EZ01ZP Datasheet
1,013Kb / 19P
DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
PQ033EZ01ZP SHARP-PQ033EZ01ZP Datasheet
129Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ033EZ01ZPH SHARP-PQ033EZ01ZPH Datasheet
262Kb / 10P
Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ033EZ01ZP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com