Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1419085 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1419085
Description  SAC-3P-15,0-961/M12FS VA - Bus system cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1419085 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1419085 Datasheet HTML 1Page - PHOENIX CONTACT 1419085 Datasheet HTML 2Page - PHOENIX CONTACT 1419085 Datasheet HTML 3Page - PHOENIX CONTACT 1419085 Datasheet HTML 4Page - PHOENIX CONTACT 1419085 Datasheet HTML 5Page - PHOENIX CONTACT 1419085 Datasheet HTML 6Page - PHOENIX CONTACT 1419085 Datasheet HTML 7Page - PHOENIX CONTACT 1419085 Datasheet HTML 8Page - PHOENIX CONTACT 1419085 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pin assignment
1 (Socket) | OG (DATA+)
3 (Socket) | BU (DATA-)
Contact | Color (signal designation) | Contact (optional)
4 (Socket) | SR (shield)
Connector
Connection 1
Type
free cable end
Connection 2
Type
Socket straight M12
Number of positions
3
Coding type
A (Standard)
CuSn (Contact)
Ni/Au (Contact surface)
TPU GF (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Material
Stainless steel (Screw connection)
Ambient temperature (operation)
-25 °C ... 90 °C
Number of positions
3
Cable/line
Cable length
15 m
Fieldbus FOUNDATION/PROFIBUS PA, blue [961]
Dimensional drawing
Cable weight
56.552 kg/km
Number of positions
2
Shielded
yes
Cable type
Fieldbus FOUNDATION/PROFIBUS PA, blue [961]
Conductor structure
2xAWG18/7 + 1xAWG20/7
Signal speed
0.66 c
Conductor structure signal line
7x 0.40 mm
AWG signal line
18
2x 0.75 mm² (Signal line)
Conductor cross section
1x 0.5 mm² (Drain wire)
Wire diameter incl. insulation
2.24 mm ±0.05 mm
SAC-3P-15,0-961/M12FS VA - Bus system cable
1419085
https://www.phoenixcontact.com/us/products/1419085
Aug 22, 2023, 1:56 AM
Page 3 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com