Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1419085 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1419085
Description  SAC-3P-15,0-961/M12FS VA - Bus system cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1419085 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1419085 Datasheet HTML 1Page - PHOENIX CONTACT 1419085 Datasheet HTML 2Page - PHOENIX CONTACT 1419085 Datasheet HTML 3Page - PHOENIX CONTACT 1419085 Datasheet HTML 4Page - PHOENIX CONTACT 1419085 Datasheet HTML 5Page - PHOENIX CONTACT 1419085 Datasheet HTML 6Page - PHOENIX CONTACT 1419085 Datasheet HTML 7Page - PHOENIX CONTACT 1419085 Datasheet HTML 8Page - PHOENIX CONTACT 1419085 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
External cable diameter
7.5 mm ±0.25 mm
Outer sheath, material
PVC
External sheath, color
blue RAL 5015
Conductor material
Tin-plated Cu litz wires
Material wire insulation
PO (Signal line)
Single wire, color
blue, orange
Thickness, insulation
0.5 mm
Thickness, outer sheath
1 mm
Twisted pairs
2 cores to the pair
Overall twist
One pair with one drain wire and fillers for core
Optical shield covering
100 %
≤ 19.35 Ω/km (Signal line)
Max. conductor resistance
26 Ω/km (shield)
147 pF/m (at 1 kHz, core/shield)
Cable capacity
≤ 3.94 pF/m (capacitance unbalance)
Working capacitance
78 nF (at 1 kHz)
Cable impedance
100 Ω ±20 % (At 31.25 kHz)
Nominal voltage, cable
300 V
Smallest bending radius, fixed installation
75 mm
Tensile strength
260 N
Shield attenuation
3 dB/km (at 39 kHz)
UL 1685 (CSA FT 4)
UL 1685 (vertical tray)
Flame resistance
UL 1666 (riser)
Special properties
UL standards PLTC-ER and ITC
Ambient temperature (operation)
-40 °C ... 105 °C (cable, fixed installation)
Environmental and real-life conditions
Ambient conditions
IP65
IP67
IP68
Degree of protection
IP69K
SAC-3P-15,0-961/M12FS VA - Bus system cable
1419085
https://www.phoenixcontact.com/us/products/1419085
Aug 22, 2023, 1:56 AM
Page 4 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com