Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2192GC Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2192GC
Description  2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2192GC Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2192GC Datasheet HTML 11Page - Monolithic Power Systems MP2192GC Datasheet HTML 12Page - Monolithic Power Systems MP2192GC Datasheet HTML 13Page - Monolithic Power Systems MP2192GC Datasheet HTML 14Page - Monolithic Power Systems MP2192GC Datasheet HTML 15Page - Monolithic Power Systems MP2192GC Datasheet HTML 16Page - Monolithic Power Systems MP2192GC Datasheet HTML 17Page - Monolithic Power Systems MP2192GC Datasheet HTML 18Page - Monolithic Power Systems MP2192GC Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MP2192
– 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH 25µA IQ
MP2192 Rev. 1.0
MonolithicPower.com
15
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
short circuit is removed and the output rises
back to the regulation level.
Over-Voltage Protection (VOUT OVP)
The MP2192 monitors VFB to detect over-
voltage (OV) conditions. If VFB rises above
117% of the target voltage, the controller enters
a dynamic regulation period. During this period,
the LS-FET stays on until the low-side current
drops to -1.5A. This discharges the output to
keep it within the normal range.
If the OV condition still remains, the LS-FET
turns on again after a 1µs time delay. The
MP2192 exits this regulation period when VFB
drops below 104% of VREF. If the dynamic
regulation cannot limit the increasing output
voltage, and input OVP occurs when VIN
exceeds 6.2V, the MP2192 stops switching until
the input voltage drops below 5.7V. Then the
MP2192 resumes operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com