Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5048 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 4Page - Monolithic Power Systems MP5048 Datasheet HTML 5Page - Monolithic Power Systems MP5048 Datasheet HTML 6Page - Monolithic Power Systems MP5048 Datasheet HTML 7Page - Monolithic Power Systems MP5048 Datasheet HTML 8Page - Monolithic Power Systems MP5048 Datasheet HTML 9Page - Monolithic Power Systems MP5048 Datasheet HTML 10Page - Monolithic Power Systems MP5048 Datasheet HTML 11Page - Monolithic Power Systems MP5048 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
8
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 48V, RCS = 3.6kΩ, COUT = 1000μF, TA = 25°C, unless otherwise noted.
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (
℃)
Quiescent Current vs.
Temperature
ON = low
1.5
1.55
1.6
1.65
1.7
1.75
1.8
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (
℃)
Quiescent Current vs.
Temperature
ON = high
0
5
10
15
20
25
30
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (
℃)
ICLREF vs. Temperature
VOUT≥90%VIN
VOUT<90%VIN
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (
℃)
ON Threshold vs. Temperature
ON Rising
ON Falling
0.0
2.0
4.0
6.0
8.0
10.0
12.0
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (
℃)
RDS(ON) vs. Temperature
IOUT = 1A
0
200
400
600
800
1000
1200
1400
1600
1800
0
20
40
60
80 100 120 140 160
TEMPERATURE (
℃)
No-Load VTEMP vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com