Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5048 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 10Page - Monolithic Power Systems MP5048 Datasheet HTML 11Page - Monolithic Power Systems MP5048 Datasheet HTML 12Page - Monolithic Power Systems MP5048 Datasheet HTML 13Page - Monolithic Power Systems MP5048 Datasheet HTML 14Page - Monolithic Power Systems MP5048 Datasheet HTML 15Page - Monolithic Power Systems MP5048 Datasheet HTML 16Page - Monolithic Power Systems MP5048 Datasheet HTML 17Page - Monolithic Power Systems MP5048 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
14
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The
MP5048
is
a
monolithic,
integrated
controller and switch. It has a high-side MOSFET
(HS-FET) with 7m
Ω RDS(ON), which makes it ideal
for multi-fuse hot-swap or e-fuse applications.
The MP5048 can operate in standalone mode,
or
it
can
be
sequenced
with
the
MP5920/MP5922 controller. Multiple MP5048
devices can be used in parallel to support all
power levels required by the system. All devices
working in parallel actively share current during
soft start, which distributes the load current
evenly during soft start (SS) and ensures that
each part works in the thermal shutdown
operation area (TOA). The MP5048 supports
15A of continuous current per device at room
temperature.
The MP5048 provides a controlled start-up
voltage and limits the inrush current when a
circuit card is inserted into an active power
source. The MP5048 provides support for e-fuse
and hot-swap applications. It also provides an
integrated
solution
with
a
MOSFET,
temperature-sense, current monitoring, current
protection, temperature protection, and power
sequencing all in a single device. The MP5048
has integrated on-die current-sense to monitor
the current through the MP5048 and die
temperature, eliminating the need for an external
sense resistor and thermal sensing.
Power-Up Sequence
There are two operation modes for the MP5048:
it can be controlled by a hot-swap controller, or
act as a standalone device.
If the MP5048 is controlled by a hot-swap
controller, the power FET remains off until the
ON pin is pulled high.
The MP5048 has configurable settings for the
insertion delay, over-current protection (OCP)
time, and auto-retry time via a capacitor on the
TIMER pin. The insertion delay time starts when
VIN reaches the under-voltage lockout (UVLO)
threshold. When the ON signal goes high and
the insertion delay time ends, the power FET
charges up by the internal charge pump. Once
the MP5048 power FET voltage (VGS) reaches its
threshold (VGSTH), VOUT rises (see Figure 6).
VOUT rises following the soft-start controlled slew
rate, and the rise time is determined by the SS
capacitor.
During the soft-start turn-on time, the current
limit is reduced by an internal limit (called the SS
limit). Once soft start has completed, the current
limit moves to the full-scale current limit set by
the CLREF resistor.
t
VIN
FAULT
VOUT
VCC
MP5048 UVLO
ON
SS Limit
Insertion Delay
On Delay Determined
by Controller
VCLREF
VGS
VCLREF_NORM
VCS
Figure 6: Start-Up When MP5048 Is Controlled by
Hot-Swap Controller
The ON pin is low by default,
since it’s pulled low
to ground internally through a 1.1M
Ω resistor. If
the MP5048 works in standalone mode, ON
should be pulled up externally to the VCC (see
Figure 7).
MP5048
VIN
VOUT
ON
IMON
FAULT
SS
CLREF
VTEMP
VCC
GND
CS
TIMER
RCS
CSS
RIMON
VIN
RCLREF
3V
3V
VCC
Figure 7: MP5048 Schematic When Operating in
Standalone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com