Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86952 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP86952
Description  16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86952 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP86952 Datasheet HTML 1Page - Monolithic Power Systems MP86952 Datasheet HTML 2Page - Monolithic Power Systems MP86952 Datasheet HTML 3Page - Monolithic Power Systems MP86952 Datasheet HTML 4Page - Monolithic Power Systems MP86952 Datasheet HTML 5Page - Monolithic Power Systems MP86952 Datasheet HTML 6Page - Monolithic Power Systems MP86952 Datasheet HTML 7Page - Monolithic Power Systems MP86952 Datasheet HTML 8Page - Monolithic Power Systems MP86952 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP86952
– 70A INTELLI-PHASE™ SOLUTION WITH BUILT-IN MOSFETS AND DRIVERS
MP86952 Rev. 1.0
MonolithicPower.com
4
5/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VDRV = VDD = VEN = 3.3V, TA = 25°C for typical values, TJ = -40°C to +125°C for maximum
and minimum values, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
IIN shutdown current
EN is low
90
180
μA
VIN under-voltage lockout
(UVLO) rising threshold
2.5
3
V
VIN UVLO threshold hysteresis
450
mV
IVDRV quiescent current
PWM is low
250
350
μA
IVDD quiescent current
PWM is low
3
mA
VDD UVLO rising threshold
2.75
2.95
V
VDD UVLO threshold hysteresis
300
mV
High-side (HS) current limit (5)
ILIM_FLT
Cycle-by-cycle, up to eight cycles
110
A
Low-side (LS) current limit (5)
Negative cycle-by-cycle current
limit, no fault report
-35
A
Negative LS current limit off
time (5)
200
ns
HS current limit shutdown
counter (5)
8
times
SW dead time (DT) rising (5)
2
ns
SW DT falling (5)
Positive IL
6
ns
Negative IL
28
ns
EN input logic high voltage
VEN_HIGH
2.3
V
EN input logic low voltage
VEN_LOW
0.8
V
PWM high to SW rising delay (5)
tRISING
20
ns
PWM low to SW falling delay (5)
tFALLING
20
ns
PWM tri-state to SW Hi-Z
delay (5)
tLT
40
ns
tTL
30
ns
tHT
40
ns
tTH
30
ns
Minimum PWM pulse width (5)
30
ns
IOUT sense gain accuracy (5)
20
A ≤ ISW ≤ 70A
-2
0
+2
%
IOUT sense gain
GIOUT
5
μA/A
IOUT sense offset
ISW = 0A, VIOUT = 1.2V, TJ = 25°C
-2
0
+2
μA
PWM is in a Hi-Z state, VIOUT = 1.2V
-1
0
+1
μA
IOUT voltage (5)
VIOUT
0.7
2.1
V
TOUT/FLT sense gain (5)
8
mV/°C
TOUT/FLT sense offset (5)
TJ = 25°C
800
mV
Over-temperature protection
(OTP) shutdown and fault flag (5)
160
°C
TOUT/FLT fault (5)
3
3.3
V
PWM resistor
Pull-up resistor, EN is high
6
kΩ
Pull-down resistor, EN is high
5
kΩ
PWM logic high voltage
2.3
V
PWM tri-state region
1.1
1.8
V
PWM logic low voltage
0.8
V
Note:
5) Guaranteed by design or characterization data. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com