| Electronic Components Datasheet Search |
|
UPD9971 Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD9971 Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 112 page ![]() µPD9971 Data Sheet S17455EJ2V0DS 47 This block operates according to the STMSI and STMSO register settings. For details, refer Table 5-8. Table 5-8 Pin Statuses in MSIO Block MMS = 0 (Slave Mode) MMS = 1 (Master Mode) (STMSI, STMSO) (STMSI, STMSO) Pin Pin Function (0, 0) (1, 1) (1, 0) (0, 1) (0, 0) (1, 1) (1, 0) (0, 1) MBCLK Bit synchronization I/O for PCM sound generator- core Input (Internal: Low) Input Input Input Low Output Output Output MEN Frame synchronization I/O for PCM sound generator- core Input (Internal: Low) Input Input Input Low Output Output Output MSI PCM sound generator-core serial data input − Input Input − − Input Input − MSO PCM sound generator-core serial data output Hi-Z Output Hi-Z Output Hi-Z Output Hi-Z Output Cautions 1. As in the case of ASIO, MSIO can operate in the slave or master mode. When ASIO and MSIO are used at the same time, the frame signals in the µPD9971 need to be integrated. Accordingly, ASIO can be used in the master mode only. 2. Below are the restrictions that are applied depending on use conditions. (1)When only ASIO set to the master mode is used, the setting value of BFS must be only 64 fs or 32 fs. (2)When only MSIO set to the master mode is used, the setting value of MBSF must be selected from among 32 fs, 64 fs, 128 fs, and 256 fs. (3)When both ASIO and MSIO are used, ASIO can be used only if it is set to the master mode. (4)In all of the above cases, the setting of invalid values to BFS or MBFS results in the application of default values. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |