Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88170L Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 14Page - ASIX Electronics Corporation AX88170L Datasheet HTML 15Page - ASIX Electronics Corporation AX88170L Datasheet HTML 16Page - ASIX Electronics Corporation AX88170L Datasheet HTML 17Page - ASIX Electronics Corporation AX88170L Datasheet HTML 18Page - ASIX Electronics Corporation AX88170L Datasheet HTML 19Page - ASIX Electronics Corporation AX88170L Datasheet HTML 20Page - ASIX Electronics Corporation AX88170L Datasheet HTML 21Page - ASIX Electronics Corporation AX88170L Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
ASIX ELECTRONICS CORPORATION
18
CONFIDENTIAL
AX88170
PRELIMINARY
6.4 A.C. Timing Characteristics
6.4.1 25M_XIN
25M_XIN
Tr
Tf
Tlow
25M_CLKO
Tod
Symbol
Description
Min
Typ.
Max
Units
Tcyc
CYCLE TIME
40
ns
Thigh
CLK HIGH TIME
16
20
24
ns
Tlow
CLK LOW TIME
16
20
24
ns
Tr/Tf
CLK SLEW RATE
1
-
4
ns
Tod
LCLK/XTALIN TO 25M_CLKO OUT DELAY
8
29
ns
6.4.2 48M_XIN
48M_XIN
Tr
Tf
Tlow
Symbol
Description
Min
Typ.
Max
Units
Tcyc
CYCLE TIME
20.83
ns
Thigh
CLK HIGH TIME
8.3
10.42
12.5
ns
Tlow
CLK LOW TIME
8.3
10.42
12.5
ns
Tr/Tf
CLK SLEW RATE
1
-
4
ns
6.4.3 Reset Timing
25M_XIN
/RST
Symbol
Description
Min
Typ.
Max
Units
Trst
Reset pulse width
100
-
-
25M
_XIN
Tcyc
Thigh
Tcyc
Thigh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com