Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88170L Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88170L
Description  USB to Fast Ethernet/HomePNA Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88170L Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88170L Datasheet HTML 27Page - ASIX Electronics Corporation AX88170L Datasheet HTML 28Page - ASIX Electronics Corporation AX88170L Datasheet HTML 29Page - ASIX Electronics Corporation AX88170L Datasheet HTML 30Page - ASIX Electronics Corporation AX88170L Datasheet HTML 31Page - ASIX Electronics Corporation AX88170L Datasheet HTML 32Page - ASIX Electronics Corporation AX88170L Datasheet HTML 33Page - ASIX Electronics Corporation AX88170L Datasheet HTML 34Page - ASIX Electronics Corporation AX88170L Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
AX88170
USB to Fast Ethernet/HomePNA Controller
ASIX ELECTRONICS CORPORATION
31
Demonstration Circuit B: AX88170 + HomePNA 1M8 PHY
COL
VDD3
R19
1M
C32
0.01u
48M_XOUT
25MHZ
C31
0.1u
TXD1
PRST#
C20
20P
R29
10K
C28
0.47u
EECS
EEDI
25M_XIN
RXD3
R22
1.5K
C23
0.1u
CRS
R21
330
VDD3
RXDV
C15
8p
U6
AMS1117
3
2
1
VIN
VOUT
ADJ/GND
C22
0.01u
VDD3
EECK
D-
+
C29
47u/16V
C18
20P
RXD1
TXD2
C25
0.1u
R25
18
GND
R27
4.7K
GND
PRST#
C33
1000P
J2
USB-CON
1
2
3
4
GND
VDD5
D+
D-
EECS
VDD3
RXD3
C17
20P
L4
F.B.
RXDV
RXD0
48M_XOUT
U4
V6300C
1
2
3
VCC
RESET#
GND
MDIO
VDD3
VDD3
25M_XOUT
EEDI
VDD3
D+
U3
AX88170 L
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
D+
D-
VDD
/RST
VSS
SPD_UP
S_EXT
/S_FDPX
/S_MAC
VDD
VSS
MDC
COL
MDIO
CRS
TX_CLK
VSS
TXD0
TXD1
TXD2
TXD3
TX_EN
VDD
RX_CLK
VSS
RXD0
RXD1
RXD2
RXD3
VDD
RX_ER
RX_DV
25M_CLKO
VSS
25M_XIN
25M_XOUT
VDD
PHY_RST
/PHY_RST
PHY_PWN
/PHY_PWN
VSS
/S_RMII
VDD
EECS
EECK
EEDI
EEDO
VSS
VDD
48M_XOUT
48M_XIN
VSS
VDD
TEST0
TEST1
TEST2
/EP78DIS TEST3
VDD
TEST_OUT
TEST4
LEERDY
ACT/LINK
VSS
U5
93C56R
1
2
3
4
5
6
7
8
CS
SK
DI
DO
GND
NC
NC
VCC
TXCLK
COL
RXCLK
C27
0.1u
48M_XIN
25M_XOUT
RST#
*2 RC reset (option)
+
C30
47u/16V
L3
2.2uH
ACT/LINK#
*1 USB Port Link/Act LED
VDD3
TXEN
L5
F.B.
EEDO
GND
RXD1
MDIO
C16
8p
MDC
VDD3
Y2
25M
C24
0.1u
C19
22pF
R26
4.7K
TXD3
Y1
48M
C26
0.1u
R18
20k
5V
TXCLK
R24
18
AX88710 Application for 1M8 HomePNA
EECK
RST#
TXEN
VDD3
25M_XIN
R20
0
25MHZ
RXD0
TXD1
RXD2
VDD3
C21
20P
VDD3
MDC
VDD3
RXCLK
VDD3
R28
4.7K
RXD2
F1
FUSE
TXD3
TXD2
D6
1N4148
TXD0
170AP2A.SCH
2.0
AX88170
ASIX ELECTRONIC CORPORATION
B
2
2
Monday, February 26, 2001
Title
Size
Document Number
Rev
Date:
Sheet
of
TXD0
CRS
VDD3
D5
LED
R23
4.7K
EEDO
48M_XIN
RST#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com