Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX646TTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LCX646TTR
Description  LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX646TTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LCX646TTR Datasheet HTML 3Page - STMicroelectronics 74LCX646TTR Datasheet HTML 4Page - STMicroelectronics 74LCX646TTR Datasheet HTML 5Page - STMicroelectronics 74LCX646TTR Datasheet HTML 6Page - STMicroelectronics 74LCX646TTR Datasheet HTML 7Page - STMicroelectronics 74LCX646TTR Datasheet HTML 8Page - STMicroelectronics 74LCX646TTR Datasheet HTML 9Page - STMicroelectronics 74LCX646TTR Datasheet HTML 10Page - STMicroelectronics 74LCX646TTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
M74LCX646
7/13
AC ELECTRICAL CHARACTERISTICS
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|)
2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time (CAB or CBA
to An or Bn)
2.7
50
500
2.5
1.5
9.5
1.5
9.5
ns
3.0 to 3.6
1.5
8.5
1.5
8.5
tPLH tPHL
Propagation Delay
Time (An to Bn or Bn
to An)
2.7
50
500
2.5
1.5
8.0
1.5
8.0
ns
3.0 to 3.6
1.5
7.0
1.5
7.0
tPLH tPHL
Propagation Delay
Time (SAB or SBA
to An or Bn)
2.7
50
500
2.5
1.5
9.5
1.5
9.5
ns
3.0 to 3.6
1.5
8.5
1.5
8.5
tPZL tPZH
Output Enable Time
(G, DIR to An, Bn)
2.7
50
500
2.5
1.5
9.5
1.5
9.5
ns
3.0 to 3.6
1.5
8.5
1.5
8.5
tPLZ tPHZ
Output Disable Time
(G, DIR to An, Bn)
2.7
50
500
2.5
1.5
9.5
1.5
9.5
ns
3.0 to 3.6
1.5
8.5
1.5
8.5
tS
Setup Time, HIGH or
LOW level Data to
CAB, CBA
2.7
50
500
2.5
2.5
2.5
ns
3.0 to 3.6
2.5
2.5
th
Hold Time, HIGH or
LOW level Data to
CAB, CBA
2.7
50
500
2.5
1.5
1.5
ns
3.0 to 3.6
1.5
1.5
tW
CAB, CBA Pulse
Width, HIGH or
LOW
2.7
50
500
2.5
4.0
4.0
ns
3.0 to 3.6
3.3
3.3
fMAX
Clock Pulse
Frequency
3.0 to 3.6
50
500
2.5
150
150
MHz
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
3.0 to 3.6
50
500
2.5
1.0
1.0
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance
3.3
VIN = 0 to VCC
6pF
CI/O
I/O Capacitance
3.3
VIN = 0 to VCC
10
pF
CPD
Power Dissipation Capacitance
(note 1)
3.3
fIN = 10MHz
VIN = 0 or VCC
37
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com