Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX646TTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LCX646TTR
Description  LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX646TTR Datasheet(HTML) 2 Page - STMicroelectronics

  74LCX646TTR Datasheet HTML 1Page - STMicroelectronics 74LCX646TTR Datasheet HTML 2Page - STMicroelectronics 74LCX646TTR Datasheet HTML 3Page - STMicroelectronics 74LCX646TTR Datasheet HTML 4Page - STMicroelectronics 74LCX646TTR Datasheet HTML 5Page - STMicroelectronics 74LCX646TTR Datasheet HTML 6Page - STMicroelectronics 74LCX646TTR Datasheet HTML 7Page - STMicroelectronics 74LCX646TTR Datasheet HTML 8Page - STMicroelectronics 74LCX646TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M74LCX646
2/13
(enable G high), "A" data may be stored in one
register and/or "B" data may be stored in the other
register. When an output function is disabled, the
input function is still enabled and may be used to
store and transmit data. Only one of the two
buses, A or B, may be driven at a time. It has
same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
CLOCK AB (CAB)
A to B Clock Input (LOW to HIGH,
Edge-Triggered)
2
SELECT AB (SAB)
Select A to B Source Input
3
DIR
Direction Control Input
4, 5, 6, 7, 8, 9, 10, 11
A1 to A8
A Data Inputs/Outputs
20, 19, 18, 17, 16, 15, 14, 13
B1 to B8
B Data Inputs/Outputs
21
G
Output Enable Input (Active LOW)
22
SELECT BA (SBA)
Select B to A Source Input
23
CLOCK BA (CBA)
B to A Clock Input (LOW to HIGH,
Edge Triggered)
12
GND
Ground (0V)
24
VCC
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com