Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01G-B2B Datasheet(PDF) 40 Page - STMicroelectronics

Part # NAND01G-B2B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-B2B Datasheet(HTML) 40 Page - STMicroelectronics

Back Button NAND01G-B2B Datasheet HTML 36Page - STMicroelectronics NAND01G-B2B Datasheet HTML 37Page - STMicroelectronics NAND01G-B2B Datasheet HTML 38Page - STMicroelectronics NAND01G-B2B Datasheet HTML 39Page - STMicroelectronics NAND01G-B2B Datasheet HTML 40Page - STMicroelectronics NAND01G-B2B Datasheet HTML 41Page - STMicroelectronics NAND01G-B2B Datasheet HTML 42Page - STMicroelectronics NAND01G-B2B Datasheet HTML 43Page - STMicroelectronics NAND01G-B2B Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
Program and Erase Times and Endurance cycles
NAND01G-B2B, NAND02G-B2C
40/62
9
Program and Erase Times and Endurance cycles
The Program and Erase times and the number of Program/ Erase cycles per block are
shown in Table 18.
Table 18.
Program, Erase Times and Program Erase Endurance Cycles
Parameters
NAND Flash
Unit
Min
Typ
Max
Page Program Time
200
700
µs
Block Erase Time
2
3ms
Program/Erase Cycles (per block)
100,000
cycles
Data Retention
10
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com