Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01G-B2B Datasheet(PDF) 46 Page - STMicroelectronics

Part # NAND01G-B2B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-B2B Datasheet(HTML) 46 Page - STMicroelectronics

Back Button NAND01G-B2B Datasheet HTML 42Page - STMicroelectronics NAND01G-B2B Datasheet HTML 43Page - STMicroelectronics NAND01G-B2B Datasheet HTML 44Page - STMicroelectronics NAND01G-B2B Datasheet HTML 45Page - STMicroelectronics NAND01G-B2B Datasheet HTML 46Page - STMicroelectronics NAND01G-B2B Datasheet HTML 47Page - STMicroelectronics NAND01G-B2B Datasheet HTML 48Page - STMicroelectronics NAND01G-B2B Datasheet HTML 49Page - STMicroelectronics NAND01G-B2B Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
DC And AC parameters
NAND01G-B2B, NAND02G-B2C
46/62
Table 25.
AC Characteristics for Operations(1)
Symbol
Alt.
Symbol
Parameter
1.8V
Devices
3V
Devices
Unit
tALLRL1
tAR
Address Latch Low to
Read Enable Low
Read Electronic Signature
Min
10
10
ns
tALLRL2
Read cycle
Min
10
10
ns
tBHRL
tRR
Ready/Busy High to Read Enable Low
Min
20
20
ns
tBLBH1
Ready/Busy Low to
Ready/Busy High
Read Busy time
Max
25
25
µs
tBLBH2
tPROG
Program Busy time
Max
700
700
µs
tBLBH3
tBERS
Erase Busy time
Max
3
3
ms
tBLBH4
Reset Busy time, during ready
Max
5
5
µs
tBLBH5
tCBSY
Cache Busy time
Typ
3
3
µs
Max
700
700
µs
tWHBH1
tRST
Write Enable High to
Ready/Busy High
Reset Busy time, during read
Max
5
5
µs
Reset Busy time, during program
Max
10
10
µs
Reset Busy time, during erase
Max
500
500
µs
tCLLRL
tCLR
Command Latch Low to Read Enable Low
Min
10
10
ns
tDZRL
tIR
Data Hi-Z to Read Enable Low
Min
0
0
ns
tEHQZ
tCHZ
Chip Enable High to Output Hi-Z
Max
30
30
ns
tRHQZ
tRHZ
Read Enable High to Output Hi-z
Max
30
30
ns
tWHWH
tADL
(2)
Last Address latched to Data Loading Time during
Program operations
Min
100
100
ns
tVHWH
tVLWH
tWW
(3)
Write Protection time
Min
100
100
ns
tRHRL2
tCRRH
Read Enable High hold time during Cache Read operation
Min
50
50
ns
tELQV
tCEA
Chip Enable Low to Output Valid
Max
45
25
ns
tRHRL
tREH
Read Enable High to
Read Enable Low
Read Enable High Hold time
Min
15
10
ns
tEHQX
TOH
Chip Enable high or Read Enable high to Output Hold
Min
10
10
ns
tRHQX
tRLRH
tRP
Read Enable Low to
Read Enable High
Read Enable Pulse Width
Min
25
15
ns
tRLRL
tRC
Read Enable Low to
Read Enable Low
Read Cycle time
Min
50
30
ns
tRLQV
tREA
Read Enable Low to
Output Valid
Read Enable Access time
Max
30
20
ns
Read ES Access time(4)
tWHBH
tR
Write Enable High to
Ready/Busy High
Read Busy time
Max
25
25
µs
tWHBL
tWB
Write Enable High to Ready/Busy Low
Max
100
100
ns
tWHRL
tWHR
Write Enable High to Read Enable Low
Min
60
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com