Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16664 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD16664
Description  MOS INTEGRATED CIRCUIT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16664 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD16664 Datasheet HTML 35Page - Renesas Technology Corp UPD16664 Datasheet HTML 36Page - Renesas Technology Corp UPD16664 Datasheet HTML 37Page - Renesas Technology Corp UPD16664 Datasheet HTML 38Page - Renesas Technology Corp UPD16664 Datasheet HTML 39Page - Renesas Technology Corp UPD16664 Datasheet HTML 40Page - Renesas Technology Corp UPD16664 Datasheet HTML 41Page - Renesas Technology Corp UPD16664 Datasheet HTML 42Page - Renesas Technology Corp UPD16664 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Data Sheet S13780EJ2V1DS00
37
µµµµPD16664
(2) Slave mode
(Unless otherwise specified, VCC1 = 4.5 to 5.5 V, VCC2 = 2.4 to 3.6 V, V0 = 0 V, V1 = 1.4 to 2.0 V, V2 = 2.8 to 4.0 V,
TA = –20 to +70°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
STB clock cycle time
tCYC
10
µ s
STB high-level width
tCWH
4
µ s
STB low-level width
tCWL
4
µ s
STB rise time
tR
150
ns
STB fall time
tF
150
ns
/FRM setup time
tSFR
1
µ s
/FRM hold time
tHFR
1
µ s
STB (input)
/FRM (input)
tF
tR
tCWL
tSFR
tSFR
tHFR
tHFR
tCWH
tCYC
0.7 VCC1
0.3 VCC1
0.7 VCC1
0.3 VCC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com