Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16664 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD16664
Description  MOS INTEGRATED CIRCUIT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16664 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD16664 Datasheet HTML 17Page - Renesas Technology Corp UPD16664 Datasheet HTML 18Page - Renesas Technology Corp UPD16664 Datasheet HTML 19Page - Renesas Technology Corp UPD16664 Datasheet HTML 20Page - Renesas Technology Corp UPD16664 Datasheet HTML 21Page - Renesas Technology Corp UPD16664 Datasheet HTML 22Page - Renesas Technology Corp UPD16664 Datasheet HTML 23Page - Renesas Technology Corp UPD16664 Datasheet HTML 24Page - Renesas Technology Corp UPD16664 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
19
µµµµPD16664
Data Sheet S13780EJ2V1DS00
Horizontally Long Address DIR = L, DMODE = H
•••• 144-output Mode
No. 0
00022
00100
00020
00122
07E00
07F02
07E22
07F22
No. 1
0FE00
0FF00
08022
08122
0FF02
0FE22
0FF22
No. 2
00024
00124
00046
00146
07E24
07F24
07E46
07F46
No. 3
08024
08124
08046
08146
0FE24
0FF24
0FE46
0FF46
Y144
Y144
Y1
Y1
Y144
Y144
Y1
X128
X1
X128
00044
00026
07F44
07F26
00002
00000
07F00
07F20
08020
0FF20
08044
08026
0FF44
0FF26
08100
08002
08000
X1
Y1
PD16664
PD16664
PD16664
PD16664
µ
µ
µ
µ
Specified by
A7 to A0
Specified by
A16 to A8
•••• 160-output Mode
No. 0
00026
00100
00024
00126
07E00
07F02
07E26
07F26
No. 1
0FE00
0FF00
08026
08126
0FF02
0FE26
0FF26
No. 2
00028
00128
0004E
0014E
07E28
07F28
07E4E
07F4E
No. 3
08028
08128
0804E
0814E
0FE28
0FF28
0FE4E
0FF4E
Y160
Y160
Y1
Y1
Y160
Y160
Y1
X128
X1
X128
0004C
0002A
07F4C
07F2A
00002
00000
07F00
07F24
08024
0FF24
0804C
0802A
0FF4C
0FF2A
08100
08002
08000
X1
Y1
PD16664
PD16664
PD16664
PD16664
µ
µ
µ
µ
Specified by
A16 to A8
Specified by
A7 to A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com