Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16670 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD16670
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16670 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD16670 Datasheet HTML 18Page - Renesas Technology Corp UPD16670 Datasheet HTML 19Page - Renesas Technology Corp UPD16670 Datasheet HTML 20Page - Renesas Technology Corp UPD16670 Datasheet HTML 21Page - Renesas Technology Corp UPD16670 Datasheet HTML 22Page - Renesas Technology Corp UPD16670 Datasheet HTML 23Page - Renesas Technology Corp UPD16670 Datasheet HTML 24Page - Renesas Technology Corp UPD16670 Datasheet HTML 25Page - Renesas Technology Corp UPD16670 Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Data Sheet S10297EJ1V0DS00
20
µµµµPD16670
9. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°°°°C, VSS = 0 V)
Parameter
Symbol
Rating
Unit
Logic power supply voltage
VDD
−0.3 to +7.0
V
Logic input voltage
VIN
−0.3 to VDD+0.3
V
Driver supply voltage
VLCD
−0.3 to +16.0
V
Driver reference supply input voltage
VLC1-VLC5
−0.3 to VLCD+0.3
V
Logic system output voltage
(SEGn, COMn)
VOUT
−0.3 to VDD+0.3
V
Operating ambient temperature
TA
−40 to +85
°C
Storage temperature
Tstg
−55 to +150
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
Recommended Operating Range (TA = 25
°°°°C, VSS = 0 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Logic power supply voltage
VDD
2.7
3.0
3.6
V
Logic system input voltage
VIN
0VDD
V
Driver supply voltage
VLCD
2.7
14.4
V
Logic system input voltage
VLC1-VLC5
0VLCD
V
C1-C3
0.05
0.1
1.0
µF
Output capacitance
C4
0.05
0.1
1.0
µF
Oscillation frequency
fOSC
245
350
455
kHz
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com